Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32529C0682M000 Datasheet(PDF) 15 Page - EPCOS

Part # B32529C0682M000
Description  Film Capacitors
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32529C0682M000 Datasheet(HTML) 15 Page - EPCOS

Back Button B32529C0682M000 Datasheet HTML 11Page - EPCOS B32529C0682M000 Datasheet HTML 12Page - EPCOS B32529C0682M000 Datasheet HTML 13Page - EPCOS B32529C0682M000 Datasheet HTML 14Page - EPCOS B32529C0682M000 Datasheet HTML 15Page - EPCOS B32529C0682M000 Datasheet HTML 16Page - EPCOS B32529C0682M000 Datasheet HTML 17Page - EPCOS B32529C0682M000 Datasheet HTML 18Page - EPCOS B32529C0682M000 Datasheet HTML 19Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
∇ Wound capacitor technology
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
250
160
0.10
5.0
× 10.5 × 18.0 B32522C3104+*** 4680
5200
4000
0.15
5.0
× 10.5 × 18.0 B32522C3154+*** 4680
5200
4000
0.22
5.0
× 10.5 × 18.0 B32522C3224+*** 4680
5200
4000
0.33
5.0
× 10.5 × 18.0 B32522C3334+*** 4680
5200
4000
0.47
6.0
× 11.0 × 18.0 B32522C3474+*** 3840
4400
4000
0.68
7.0
× 12.5 × 18.0 B32522C3684+*** 3320
3600
4000
1.0
8.5
× 14.5 × 18.0 B32522C3105+*** 2720
2800
2000
1.0
∇ 8.5 × 14.5 × 18.0 B32522N3105+*** 2720
2800
2000
1.5
9.0
× 17.5 × 18.0 B32522C3155+*** 2560
2800
2000
1.5
∇ 9.0 × 17.5 × 18.0 B32522N3155+*** 2560
2800
2000
400
200
0.047
5.0
× 10.5 × 18.0 B32522E6473+*** 4680
5200
4000
0.068
5.0
× 10.5 × 18.0 B32522E6683+*** 4680
5200
4000
0.10
5.0
× 10.5 × 18.0 B32522E6104+*** 4680
5200
4000
0.15
5.0
× 10.5 × 18.0 B32522E6154+*** 4680
5200
4000
0.22
6.0
× 11.0 × 18.0 B32522E6224+*** 3840
4400
4000
0.33
7.0
× 12.5 × 18.0 B32522E6334+*** 3320
3600
4000
0.47
9.0
× 17.5 × 18.0 B32522E6474+*** 2560
2800
2000
0.68
9.0
× 17.5 × 18.0 B32522E6684+*** 2560
2800
2000
450
200
0.10
∇ 5.0 × 10.5 × 18.0 B32522N6104+*** 4680
5200
4000
0.15
∇ 5.0 × 10.5 × 18.0 B32522N6154+*** 4680
5200
4000
0.22
∇ 6.0 × 11.0 × 18.0 B32522N6224+*** 3840
4400
4000
0.33
∇ 7.0 × 12.5 × 18.0 B32522N6334+*** 3320
3600
4000
0.47
∇ 8.5 × 14.5 × 18.0 B32522N6474+*** 2720
2800
2000
0.68
∇ 9.0 × 17.5 × 18.0 B32522N6684+*** 2560
2800
2000
1.0
∇ 11.0 × 18.5 × 18.0 B32522N6105+***
2200
1200
B32522
General purpose (stacked/wound)
Page 15 of 45
Please read Important notes
at the end of this document.


Similar Part No. - B32529C0682M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C0682M000 EPCOS-B32529C0682M000 Datasheet
900Kb / 46P
   Film Capacitors
B32529C0682M000 EPCOS-B32529C0682M000 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32529C0682M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com