Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1512-0000-000N0HM40E1 Datasheet(PDF) 6 Page - Cree, Inc

Part # CXA1512-0000-000N0HM40E1
Description  Cree XLamp CXA1512 LED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1512-0000-000N0HM40E1 Datasheet(HTML) 6 Page - Cree, Inc

Back Button CXA1512-0000-000N0HM40E1 Datasheet HTML 2Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 3Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 4Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 5Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 6Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 7Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 8Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 9Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Copyright © 2012-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc..
6
XLamp CXa1512 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, ansi White order codes and bins (i
f = 350 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA1512 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 16).
cct
range
cri
base order codes
min. luminous flux
@ 350 ma
chromaticity regions
order code
min
typ
group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
6500 K
70
75
m2
1380
1563
1A0, 1B0, 1C0, 1D0
CXA1512-0000-000N00m20e1
m4
1485
1685
CXA1512-0000-000N00m40e1
N2
1590
1710
CXA1512-0000-000N00N20e1
80
---
K4
1290
1461
1A0, 1B0, 1C0, 1D0
CXA1512-0000-000N0HK40e1
m2
1380
1563
CXA1512-0000-000N0Hm20e1
m4
1485
1685
CXA1512-0000-000N0Hm40e1
5700 K
70
75
m2
1380
1563
2A0, 2B0, 2C0, 1D0
CXA1512-0000-000N00m20e2
m4
1485
1685
CXA1512-0000-000N00m40e2
N2
1590
1710
CXA1512-0000-000N00N20e2
80
---
K4
1290
1461
2A0, 2B0, 2C0, 1D0
CXA1512-0000-000N0HK40e2
m2
1380
1563
CXA1512-0000-000N0Hm20e2
m4
1485
1685
CXA1512-0000-000N0Hm40e2
5000 K
70
75
m2
1380
1563
3A0, 3B0, 3C0, 3D0
CXA1512-0000-000N00m20e3
m4
1485
1685
CXA1512-0000-000N00m40e3
N2
1590
1710
CXA1512-0000-000N00N20e3
80
---
K4
1290
1461
3A0, 3B0, 3C0, 3D0
CXA1512-0000-000N0HK40e3
m2
1380
1563
CXA1512-0000-000N0Hm20e3
m4
1485
1685
CXA1512-0000-000N0Hm40e3
90
95
J4
1120
1269
3A0, 3B0, 3C0, 3D0
CXA1512-0000-000N0UJ40e3
K2
1200
1359
CXA1512-0000-000N0UK20e3
K4
1290
1461
CXA1512-0000-000N0UK40e3


Similar Part No. - CXA1512-0000-000N0HM40E1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1512-0000-000N0HM20E3 CREE-CXA1512-0000-000N0HM20E3 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N0HM20E5 CREE-CXA1512-0000-000N0HM20E5 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N0HM240F CREE-CXA1512-0000-000N0HM240F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N0HM240H CREE-CXA1512-0000-000N0HM240H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N0HM250F CREE-CXA1512-0000-000N0HM250F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
More results

Similar Description - CXA1512-0000-000N0HM40E1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
180560-0001 MOLEX11-180560-0001 Datasheet
46Kb / 1P
   LED Array Holder for Cree XLamp CXA1507 and CXA1512 LED Arrays with Gold Plating
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
CXA2011 CREE-CXA2011_13 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com