Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1512-0000-000N00M240F Datasheet(PDF) 10 Page - Cree, Inc

Part # CXA1512-0000-000N00M240F
Description  Cree XLamp CXA1512 LED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1512-0000-000N00M240F Datasheet(HTML) 10 Page - Cree, Inc

Back Button CXA1512-0000-000N00M240F Datasheet HTML 6Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 7Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 8Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 9Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 10Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 11Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 12Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 13Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Copyright © 2012-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc..
10
XLamp CXa1512 LED
relative luminous fluX
The relative luminous flux values provided below are the ratio of:
• measurements of CXA1512 at steady-state operation at the given conditions, divided by
• Flux measured during binning, which is a pulsed measurement at 350 mA at T
J = 85 °C.
For example, at steady-state operation of Tc = 25 °C, I
F = 500 mA, the relative luminous flux ratio is 140% in the chart
below. A CXA1512 LeD that measures 1200 lm during binning will deliver 1680 lm (1200 * 1.4) at steady-state operation
of Tc = 25 °C, I
F = 500 mA.
0%
20%
40%
60%
80%
100%
120%
140%
160%
200
300
400
500
600
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C


Similar Part No. - CXA1512-0000-000N00M240F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1512-0000-000N00M240F CREE-CXA1512-0000-000N00M240F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
More results

Similar Description - CXA1512-0000-000N00M240F

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
180560-0001 MOLEX11-180560-0001 Datasheet
46Kb / 1P
   LED Array Holder for Cree XLamp CXA1507 and CXA1512 LED Arrays with Gold Plating
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
CXA2011 CREE-CXA2011_13 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com