Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2011-0000-000P0UF030H Datasheet(PDF) 10 Page - Cree, Inc

Part # CXA2011-0000-000P0UF030H
Description  Cree XLamp CXA2011 LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011-0000-000P0UF030H Datasheet(HTML) 10 Page - Cree, Inc

Back Button CXA2011-0000-000P0UF030H Datasheet HTML 6Page - Cree, Inc CXA2011-0000-000P0UF030H Datasheet HTML 7Page - Cree, Inc CXA2011-0000-000P0UF030H Datasheet HTML 8Page - Cree, Inc CXA2011-0000-000P0UF030H Datasheet HTML 9Page - Cree, Inc CXA2011-0000-000P0UF030H Datasheet HTML 10Page - Cree, Inc CXA2011-0000-000P0UF030H Datasheet HTML 11Page - Cree, Inc CXA2011-0000-000P0UF030H Datasheet HTML 12Page - Cree, Inc CXA2011-0000-000P0UF030H Datasheet HTML 13Page - Cree, Inc CXA2011-0000-000P0UF030H Datasheet HTML 14Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
10
XLamp CXa2011 LED
2700K
3000K
3500K
4000K
4500K
5000K
5700K
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
CCx
ANSI C78.377 Quadrangle
EasyWhite 4-step
EasyWhite 2-step
ansi white bins
code
cct
bin
code
x
y
0E8
2700K
8A0
.4373
.3893
.4465
.4071
.4582
.4099
.4483
.3919
8B0
.4465
.4071
.4562
.4260
.4687
.4289
.4582
.4099
8C0
.4582
.4099
.4687
.4289
.4813
.4319
.4700
.4126
8D0
.4483
.3919
.4582
.4099
.4700
.4126
.4593
.3944
ansi white bins
code
cct
bin
code
x
y
0e7
3000K
7A0
.4147
.3814
.4221
.3984
.4342
.4028
.4259
.3853
7B0
.4221
.3984
.4299
.4165
.4430
.4212
.4342
.4028
7C0
.4342
.4028
.4430
.4212
.4562
.4260
.4465
.4071
7D0
.4259
.3853
.4342
.4028
.4465
.4071
.4373
.3893
cree easywhite bins Plotted on the 1931 cie color sPace (t
J = 85 °c)


Similar Part No. - CXA2011-0000-000P0UF030H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011-0000-000P00F027H CREE-CXA2011-0000-000P00F027H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011-0000-000P00G027H CREE-CXA2011-0000-000P00G027H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011-0000-000P00G030H CREE-CXA2011-0000-000P00G030H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011-0000-000P00G035H CREE-CXA2011-0000-000P00G035H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011-0000-000P00G040H CREE-CXA2011-0000-000P00G040H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
More results

Similar Description - CXA2011-0000-000P0UF030H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com