Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2540-0000-000N00V240H Datasheet(PDF) 4 Page - Cree, Inc

Part # CXA2540-0000-000N00V240H
Description  Retail Track Light Reference Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2540-0000-000N00V240H Datasheet(HTML) 4 Page - Cree, Inc

  CXA2540-0000-000N00V240H Datasheet HTML 1Page - Cree, Inc CXA2540-0000-000N00V240H Datasheet HTML 2Page - Cree, Inc CXA2540-0000-000N00V240H Datasheet HTML 3Page - Cree, Inc CXA2540-0000-000N00V240H Datasheet HTML 4Page - Cree, Inc CXA2540-0000-000N00V240H Datasheet HTML 5Page - Cree, Inc CXA2540-0000-000N00V240H Datasheet HTML 6Page - Cree, Inc CXA2540-0000-000N00V240H Datasheet HTML 7Page - Cree, Inc CXA2540-0000-000N00V240H Datasheet HTML 8Page - Cree, Inc CXA2540-0000-000N00V240H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
XLAMP CXA2530/CXA2540 RETAIL TRACK LIGHT REFERENCE DESIGN
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
and EasyWhite™ is a trademark of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales
at sales@cree.com.
Characteristic
Requirements
Lumen maintenance
requirements: directional and
non-directional luminaires
The LeD package(s) / module(s) / array(s), including those incorporated into LeD light engines or GU24 based
integrated LeD lamps, shall meet the following L
70(6k) rated lumen maintenance life values, in situ:
• L
70(6k) ≥ 25,000 hours for residential indoor
• L
70(6k) ≥ 35,000 hours for residential outdoor, or commercial
Compliance with the above shall be documented with a Tm-21 lumen maintenance life projection report as
detailed in Tm-21, section 7. The report shall be generated using data from the Lm-80 test report for the
employed LeD package/module/array model (“device”), the forward drive current applied to each device, and the
in situ TmP
LeD temperature of the hottest LeD in the luminaire. In addition to Lm-80 reporting requirements, the
following information shall be reported:
• sampling method and sample size (per Lm-80 section 4.3)
• test results for each T
S and drive current combination
• description of device including model number and whether device is an LeD package, module or array (see
Definitions)
• ANSI target, and calculated CCT value(s) for each device in sample set
• Δ u’v’ chromaticity shift value on the CIE 1976 diagram for each device in sample set
• a detailed rationale, with supporting data, for application of results to other devices (e.g. LeD packages with
other CCTs)
Access to the TmP
LeD for the hottest LeD may be accomplished via a minimally sized hole in the luminaire
housing, tightly resealed with a suitable sealant if created for purposes of testing.
All thermocouple attachments and intrusions to luminaire housing shall be photographed.
CCT requirements: all indoor
luminaires
The luminaire (directional luminaires), or replaceable LeD light engine or GU24 based integrated LeD lamp (non-
directional luminaires) shall have one of the following nominal CCTs:
• 2700 Kelvin
• 3000 Kelvin
• 3500 Kelvin
• 4000 Kelvin
• 5000 Kelvin (commercial only)
The luminaire, LeD light engine or GU24 based integrated LeD lamp shall also fall within the corresponding
7-step chromaticity quadrangles as defined in ANSI/NEMA/ANSLG C78.377-2008.
Color rendering requirements: all
indoor luminaires
The luminaire (directional luminaires), or replaceable LeD light engine or GU24 based integrated LeD lamp (non-
directional luminaires) shall meet or exceed Ra ≥ 80.
Color angular uniformity
requirements: directional solid
state indoor luminaires
Throughout the zonal lumen density angles detailed above, and five degrees beyond, the variation of
chromaticity shall be within 0.004 from the weighted average point on the CIe 1976 (u’,v’) diagram.
Color maintenance requirements:
solid state indoor luminaires only
The change of chromaticity over the first 6,000 hours of luminaire operation shall be within 0.007 on the CIE
1976 (u’,v’) diagram, as demonstrated by either:
• the IeS Lm-80 test report for the employed LeD package/array/module model, or
• as demonstrated by a comparison of luminaire chromaticity data in Lm-79 reports at zero and 6,000 hours, or
• as demonstrated by a comparison of LeD light engine or GU24 based integrated LeD lamp chromaticity data in
Lm-82 reports at zero and 6,000 hours.
Source start time requirement:
directional and non-directional
luminaires
Light source shall remain continuously illuminated within one second of application of electrical power.
Dimming requirements
The luminaire and its components shall provide continuous dimming from 100% to 35% of total light output.
Step dimming, if employed, shall provide at least two discrete light output levels ≥ 35% of total light output and
not including 100% output.
Power factor requirements:
directional and non-directional
luminaires
Total luminaire input power less than or equal to 5 watts: PF ≥ 0.5
Total luminaire input power greater than 5 watts:
Residential: PF ≥ 0.7
Commercial: PF ≥ 0.9


Similar Part No. - CXA2540-0000-000N00V240H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540-0000-000N00V240H CREE-CXA2540-0000-000N00V240H Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
More results

Similar Description - CXA2540-0000-000N00V240H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP70 CREE-CLD-AP70 Datasheet
948Kb / 11P
   Cree/NXP Task Light Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com