Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2530-0000-000N00T435F Datasheet(PDF) 9 Page - Cree, Inc

Part # CXA2530-0000-000N00T435F
Description  Retail Track Light Reference Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2530-0000-000N00T435F Datasheet(HTML) 9 Page - Cree, Inc

Back Button CXA2530-0000-000N00T435F Datasheet HTML 5Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 6Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 7Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 8Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 9Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 10Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 11Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 12Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
XLAMP CXA2530/CXA2540 RETAIL TRACK LIGHT REFERENCE DESIGN
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
and EasyWhite™ is a trademark of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales
at sales@cree.com.
5. ConsiDER ALL DEsign possibiLiTiEs
The design possibilities for an LeD-based track light are multitudinous. There are many ways to design the necessary
heat sink that can dissipate the heat and fit within the desired envelope. One such heat sink is demonstrated in this
reference design. There are also many ways to drive the LED and design the reflector and optics. Carefully selecting a
driver and working with a reflector manufacturer to create an appropriate reflector provided the performance necessary
for a true 39-w CmH-equivalent retail track light.
There are a number of desirable performance-related benefits in this design, which are results of the XLamp CXA2530
LeD package. Because the CXA2530 LeD uses easywhite™ technology, LeD-to-LeD color consistency can be held to
within two or four mcAdam ellipses for any given CCT, depending on the order code. The CXA2530 LeD is binned at
85 °C, so the CCT will be as faithful as possible to the system operating environment. These component features allow
for new levels of specification accuracy.
However, the primary purpose of this reference design is to show how simple and straightforward it is to design
with Cree’s XLamp CXA2530 LeD. This application note is not intended to show the only way to do this, but instead
demonstrate the ease of implementation with this set of engineering constraints. Certainly numerous other successful
solutions are possible.
Track light manufacturers typically design a reflector for a particular beam angle and install the light source and reflector
in multiple housings. This reference design supports such a process and in addition, the performance range of the
XLamp CXA2530 LED enables a wide variety of luminaires that all use a single CXA2530 LED. For demanding retail
applications, the CXA2530 LeD is offered in a 90-minimum CrI option, providing even better color rendering than this
reference design. CCTs from 2700 K to 5000 K and lumen output up to 5900 lm11 are possible, providing the flexibility
to offer a variety of luminaires that use a single LED light source and reflector. This flexibility is enhanced by the XLamp
CXA2540 LeD, which has the same physical dimensions and optical source size as the CXA2530 and offers even more
design possibilities.
6. CompLETE ThE finAL sTEps
This section describes the techniques used to create a working retail track light using the XLamp CXA2530 LeD and
shows the results of the design.
prototyping Details
The essence of the design is to attach a Cree XLamp CXA2530 LeD to a heat sink and assemble the necessary optics
and driver around this to create a true 39-w CmH-equivalent LeD luminaire. The assembly steps are detailed below.
11 At 61 w, 85 °C


Similar Part No. - CXA2530-0000-000N00T435F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2530-0000-000N00T435F CREE-CXA2530-0000-000N00T435F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2530 LED
More results

Similar Description - CXA2530-0000-000N00T435F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP70 CREE-CLD-AP70 Datasheet
948Kb / 11P
   Cree/NXP Task Light Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com