Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2520-0000-000N00Q440F Datasheet(PDF) 5 Page - Cree, Inc

Part # CXA2520-0000-000N00Q440F
Description  6-Inch Downlight Reference Design
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2520-0000-000N00Q440F Datasheet(HTML) 5 Page - Cree, Inc

  CXA2520-0000-000N00Q440F Datasheet HTML 1Page - Cree, Inc CXA2520-0000-000N00Q440F Datasheet HTML 2Page - Cree, Inc CXA2520-0000-000N00Q440F Datasheet HTML 3Page - Cree, Inc CXA2520-0000-000N00Q440F Datasheet HTML 4Page - Cree, Inc CXA2520-0000-000N00Q440F Datasheet HTML 5Page - Cree, Inc CXA2520-0000-000N00Q440F Datasheet HTML 6Page - Cree, Inc CXA2520-0000-000N00Q440F Datasheet HTML 7Page - Cree, Inc CXA2520-0000-000N00Q440F Datasheet HTML 8Page - Cree, Inc CXA2520-0000-000N00Q440F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
XLamp CXa2520 LED
6-inCh DownLight
REfEREnCE DEsign
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at sales@cree.com.
Characteristic
Requirements
Noise requirements: directional
and non-directional luminaires
All ballasts & drivers used within the luminaire shall have a Class A sound rating.
Ballasts and drivers are recommended to be installed in the luminaire in such a way that in operation, the
luminaire will not emit sound exceeding a measured level of 24 Ba.
table 4: EnERgy stAR luminaire requirements
2.
DEfInE DEsIgn goALs
Typical 42-w cFl downlights use a lamp that produces about 3100 lm, but luminaire light output is only about 2000 lm,
giving a fixture efficiency of about 65%. We chose the design goals for this project, shown in Table 5, to better this
performance using less energy over a longer lifetime. We chose a 50° cutoff angle as a good balance between maximizing
direct illumination and minimizing glare. As shown in Figure 1, the cutoff angle is measured from the vertical axis of the
luminaire outward to the point at which the brightness of the light source is no longer visible.
figure 1: Cutoff angle
Characteristic
unit
minimum goal
target goal
light output
lm
2000
> 2000
Luminaire efficacy
lm/w
75
> 75
cutoff angle
degrees
50
50
lifetime
hours
35,000
50,000
ccT
K
3000
3000
crI
100-point scale
80
> 80
power
w
26
< 26
power factor
0.9
> 0.9
table 5: Design goals
3.
ESTImATE EffIcIENcIES Of ThE OpTIcAL, ThERmAL & ELEcTRIcAL SYSTEmS
We used Cree’s Product Characterization Tool (PCT) tool, shown in Figure 2, to determine the drive current for the
design.4
For the 2000‑lumen target, we estimated 90% optical efficiency and 87% driver efficiency. We also estimated a solder
point temperature (T
Sp) of 45 °C.
4
pcT is available at: pct.cree.com
light source
cutoff angle


Similar Part No. - CXA2520-0000-000N00Q440F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2520-0000-000N00Q440F CREE-CXA2520-0000-000N00Q440F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2520 LED
More results

Similar Description - CXA2520-0000-000N00Q440F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
   CR6 LED Downlight - 6
LE6 CREE-LE6 Datasheet
751Kb / 2P
   6 Adjustable LED Downlight
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com