Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2011-0000-000P00H050H Datasheet(PDF) 11 Page - Cree, Inc

Part # CXA2011-0000-000P00H050H
Description  Cree XLamp CXA2011 LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011-0000-000P00H050H Datasheet(HTML) 11 Page - Cree, Inc

Back Button CXA2011-0000-000P00H050H Datasheet HTML 6Page - Cree, Inc CXA2011-0000-000P00H050H Datasheet HTML 7Page - Cree, Inc CXA2011-0000-000P00H050H Datasheet HTML 8Page - Cree, Inc CXA2011-0000-000P00H050H Datasheet HTML 9Page - Cree, Inc CXA2011-0000-000P00H050H Datasheet HTML 10Page - Cree, Inc CXA2011-0000-000P00H050H Datasheet HTML 11Page - Cree, Inc CXA2011-0000-000P00H050H Datasheet HTML 12Page - Cree, Inc CXA2011-0000-000P00H050H Datasheet HTML 13Page - Cree, Inc CXA2011-0000-000P00H050H Datasheet HTML 14Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
11
XLamp CXa2011 LED
bin and order code formats
Bin codes and order codes are configured as follows:
order code
bin code
2600K
2700K
2900K
3000K
3200K
3500K
3700K
4000K
4300K
4500K
4750K
5000K
5300K
3A0
3B0
3C0
3D0
5A0
5B0
5C0
5D0
6A0
6B0
6C0
6D0
7A0
7B0
7C0
7D0
8A0
8B0
8C0
8D0
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
CCx
ANSI
C78.377A
cree ansi white bins Plotted on the 1931 cie color sPace (t
J = 85 °c)
SSSSSCC-HHHH-NNNGGNNNNNN
Series = CXA20
Internal code
CRI Specification
U = 90 minimum
0 = standard CRI
Kit code
Vf class: P0 = 40-V class
Performance class
SSSSSCC-WWW-FF-GGA-AAAAA
Series = CXA20
Chromaticity bin
Vf class: P0 = 40-V class
Internal code
CRI specification
U = 90 CRI minimum
H = 80 CRI minimum
E = 77 CRI minimum
B = 70 CRI minimum
Flux bin
Performance class


Similar Part No. - CXA2011-0000-000P00H050H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011-0000-000P00H050H CREE-CXA2011-0000-000P00H050H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
More results

Similar Description - CXA2011-0000-000P00H050H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com