Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVR3700001504FN400 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HVR3700001504FN400
Description  High Ohmic/High Voltage Metal Film Leaded Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HVR3700001504FN400 Datasheet(HTML) 3 Page - Vishay Siliconix

  HVR3700001504FN400 Datasheet HTML 1Page - Vishay Siliconix HVR3700001504FN400 Datasheet HTML 2Page - Vishay Siliconix HVR3700001504FN400 Datasheet HTML 3Page - Vishay Siliconix HVR3700001504FN400 Datasheet HTML 4Page - Vishay Siliconix HVR3700001504FN400 Datasheet HTML 5Page - Vishay Siliconix HVR3700001504FN400 Datasheet HTML 6Page - Vishay Siliconix HVR3700001504FN400 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 30260
150
Revision: 02-Dec-09
HVR25, HVR37
Vishay BCcomponents
High Ohmic/High Voltage
Metal Film Leaded Resistors
PRODUCTS WITH RADIAL LEADS (HVR25)
Note
• Please refer document number 28721 “Packaging” for more detail
MARKING
The nominal resistance and tolerance are marked on the resistor using four or five colored bands in accordance with IEC 60062,
marking codes for resistors and capacitors. Standard values of nominal resistance are taken from the E24 and E24/E96 series
for resistors with a tolerance of ± 5 % or ± 1 % respectively. The values of the E24/E96 series are in accordance with IEC 60063.
Yellow and grey are used instead of gold and silver because metal particles in the lacquer could affect high-voltage properties.
DIMENSIONS - Radial Taping
SYMBOL
PARAMETER
VALUE
TOLERANCE
UNIT
P
Pitch of components
12.7
± 1.0
mm
P0
Feed-hole pitch
12.7
± 0.2
mm
P1
Feed-hole centre to lead at topside at the tape
3.85
± 0.5
mm
P2
Feed-hole center to body center
6.35
± 1.0
mm
F
Lead-to-lead distance
4.8
+ 0.7/- 0
mm
W
Tape width
18.0
± 0.5
mm
W0
Minimum hold down tape width
5.5
-
mm
H1
Component height
29
Max.
mm
H0
Lead wire clinch height
16.5
± 0.5
mm
H
Height of component from tape center
19.5
± 1
mm
D0
Feed-hole diameter
4.0
± 0.2
mm
L
Maximum length of snipped lead
11.0
-
mm
L1
Minimum lead wire (tape portion) shortest lead
2.5
-
mm
P
P
2
W
W
0
D
0
P
1
P
0
L
1
L
F
H
0
H
1
H


Similar Part No. - HVR3700001504FN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HVR3700001503FA100 VISHAY-HVR3700001503FA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR3700001503FA500 VISHAY-HVR3700001503FA500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR3700001503FN400 VISHAY-HVR3700001503FN400 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR3700001503FR500 VISHAY-HVR3700001503FR500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR3700001503JA100 VISHAY-HVR3700001503JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
More results

Similar Description - HVR3700001504FN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
   High Ohmic / High Voltage Metal Glaze Leaded Resistors
01-Jan-2022
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000001004JR500 VISHAY-VR25000001004JR500 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000001005JA100 VISHAY-VR37000001005JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
RCMX02 VISHAY-RCMX02 Datasheet
134Kb / 3P
   Molded Metal Film High Ohmic Value Resistors
Revision: 05-Aug-13
logo
List of Unclassifed Man...
MFD0727 ETC2-MFD0727 Datasheet
658Kb / 1P
   High Precision Metal Film Leaded Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com