Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD2N50E Datasheet(PDF) 5 Page - Motorola, Inc

Part # MTD2N50E
Description  TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTD2N50E Datasheet(HTML) 5 Page - Motorola, Inc

  MTD2N50E Datasheet HTML 1Page - Motorola, Inc MTD2N50E Datasheet HTML 2Page - Motorola, Inc MTD2N50E Datasheet HTML 3Page - Motorola, Inc MTD2N50E Datasheet HTML 4Page - Motorola, Inc MTD2N50E Datasheet HTML 5Page - Motorola, Inc MTD2N50E Datasheet HTML 6Page - Motorola, Inc MTD2N50E Datasheet HTML 7Page - Motorola, Inc MTD2N50E Datasheet HTML 8Page - Motorola, Inc MTD2N50E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MTD2N50E
5
Motorola TMOS Power MOSFET Transistor Device Data
DRAIN–TO–SOURCE DIODE CHARACTERISTICS
0.50
0.60
0.70
0.80
0.85
0
0.8
1.2
1.6
2.0
VSD, SOURCE–TO–DRAIN VOLTAGE (VOLTS)
Figure 10. Diode Forward Voltage versus Current
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
100
10
1
VGS = 0 V
TJ = 25°C
Figure 8. Gate–To–Source and Drain–To–Source
Voltage versus Total Charge
QG, TOTAL GATE CHARGE (nC)
0
1
2
4
6
10
ID = 2 A
TJ = 25°C
VDS
VGS
8
Q1
Q2
QT
Q3
3
5
9
7
10
6
2
0
18
8
4
VDD = 250 V
ID = 2 A
VGS = 10 V
TJ = 25°C
tr
tf
td(off)
td(on)
16
14
12
0.4
0.55
0.65
0.75
450
400
350
300
250
200
150
50
100
0
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain–to–source voltage and
drain current that a transistor can handle safely when it is for-
ward biased. Curves are based upon maximum peak junc-
tion temperature and a case temperature (TC) of 25°C. Peak
repetitive pulsed power limits are determined by using the
thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance–Gener-
al Data and Its Use.”
Switching between the off–state and the on–state may tra-
verse any load line provided neither rated peak current (IDM)
nor rated voltage (VDSS) is exceeded and the transition time
(tr,tf) do not exceed 10 µs. In addition the total power aver-
aged over a complete switching cycle must not exceed
(TJ(MAX) – TC)/(R
θJC).
A Power MOSFET designated E–FET can be safely used
in switching circuits with unclamped inductive loads. For reli-
able operation, the stored energy from circuit inductance dis-
sipated in the transistor while in avalanche must be less than
the rated limit and adjusted for operating conditions differing
from those specified. Although industry practice is to rate in
terms of energy, avalanche energy capability is not a con-
stant. The energy rating decreases non–linearly with an in-
crease of peak current in avalanche and peak junction
temperature.
Although many E–FETs can withstand the stress of drain–
to–source avalanche at currents up to rated pulsed current
(IDM), the energy rating is specified at rated continuous cur-
rent (ID), in accordance with industry custom. The energy rat-
ing must be derated for temperature as shown in the
accompanying graph (Figure 12). Maximum energy at cur-
rents below rated continuous ID can safely be assumed to
equal the values indicated.


Similar Part No. - MTD2N50E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD2N50E ONSEMI-MTD2N50E Datasheet
152Kb / 12P
   N?묬hannel DPAK Power MOSFET
August, 2004 ??Rev. XXX
logo
VBsemi Electronics Co.,...
MTD2N50E VBSEMI-MTD2N50E Datasheet
1Mb / 9P
   Power MOSFET
logo
Inchange Semiconductor ...
MTD2N50E ISC-MTD2N50E Datasheet
345Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
MTD2N50E-1 VBSEMI-MTD2N50E-1 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
logo
ON Semiconductor
MTD2N50E1 ONSEMI-MTD2N50E1 Datasheet
152Kb / 12P
   N?묬hannel DPAK Power MOSFET
August, 2004 ??Rev. XXX
More results

Similar Description - MTD2N50E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP2N50E MOTOROLA-MTP2N50E Datasheet
244Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
MTP2N40E MOTOROLA-MTP2N40E Datasheet
217Kb / 8P
   TMOS POWER FET 2.0 AMPERES 400 VOLTS RDS(on) = 3.5 OHM
MTW20N50E MOTOROLA-MTW20N50E Datasheet
193Kb / 8P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.24 OHM
MTD2N40E MOTOROLA-MTD2N40E Datasheet
268Kb / 10P
   TMOS POWER FET 2.0 AMPERES 400 VOLTS RDS(on) = 3.5 OHM
MTE30N50E MOTOROLA-MTE30N50E Datasheet
229Kb / 8P
   TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.150 OHM
MTE53N50E MOTOROLA-MTE53N50E Datasheet
167Kb / 8P
   TMOS POWER FET 53 AMPERES 500 VOLTS RDS(on) = 0.080 OHM
MTP1N50E MOTOROLA-MTP1N50E Datasheet
159Kb / 8P
   TMOS POWER FET 1.0 AMPERES 500 VOLTS RDS(on) = 5.0 OHM
MTV16N50E MOTOROLA-MTV16N50E Datasheet
276Kb / 10P
   TMOS POWER FET 16 AMPERES 500 VOLTS RDS(on) = 0.40 OHM
MTV20N50E MOTOROLA-MTV20N50E Datasheet
273Kb / 10P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.240 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com