Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-8002CE-PC Datasheet(PDF) 5 Page - EPCOS

Part # SG-8002CE-PC
Description  CRYSTAL OSCILLATOR PROGRAMMABLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SG-8002CE-PC Datasheet(HTML) 5 Page - EPCOS

  SG-8002CE-PC Datasheet HTML 1Page - EPCOS SG-8002CE-PC Datasheet HTML 2Page - EPCOS SG-8002CE-PC Datasheet HTML 3Page - EPCOS SG-8002CE-PC Datasheet HTML 4Page - EPCOS SG-8002CE-PC Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Crystal oscillator
SG-8002 series
Jitter specifications and characteristics chart
PLL-PLL connection
Because we use a PLL technology, there are a few cases that the jitter value will increase when SG-8002 is connected to another
PLL-oscillator.
In our experience, we are unable to recommend these products for the applications such as telecom carrier use or analog video
clock use. Please be careful checking in advance for these application (Jitter specification is Max.250 ps/CL=15 pF)
Jitter Specifications
Model
Supply
Voltage
Jitter Item
Specifications
Remarks
PT / PH
ST / SH
5.0 V
0.5 V
Cycle to cycle
150 ps Max.
33 MHz
f0  125 MHz, L_CMOS=15 pF
200 ps Max.
1.0 MHz
f0 < 33 MHz, L_CMOS=15 pF
Peak to peak
200 ps Max.
33 MHz
f0  125 MHz, L_CMOS=15 pF
250 ps Max.
1.0 MHz
f0 < 33 MHz, L_CMOS=15 pF
SC / PC
3.3 V
0.3 V
Cycle to cycle
200 ps Max.
1.0 MHz
f0  125 MHz, L_CMOS=15 pF
Peak to peak
250 ps Max.
1.0 MHz
f0  125 MHz, L_CMOS=15 pF
Remarks on noise management for power supply line
We do not recommend inserting filters or other devices in the power supply line as the counter measure of EMI noise reduction.
This device insertion might cause high-frequency impedance high in the power supply line and it affects oscillator stable drive.
When this measure is required, please evaluate circuitry and device behavior in the circuit and verify that it will not affect oscillation.
Start up time (0 % VCC to 90 % VCC) of power source should be more than 150
s.
SG-8002 series Characteristics chart
VCC=5.0 V
25 pF
Frequency(MHz)
0
Current consumption (VCC=5.0V)
20
40
60
80 100 120 140
10
20
30
40
50
Frequency(MHz)
0
Disable Current (VCC=5.0V)
20
40
60
80 100 120 140
10
20
30
40
50
VCC (V)
2.5
Stand-by Current
3.0
3.5
4.0
4.5 5.0
5.5
6.0
10
20
30
40
50
Frequency(MHz)
0
Symmetry 5.0V TTL Level
20
40
60
80 100 120 140
40
45
50
55
60
0
Symmetry 3.3 V CMOS Level
20
40
60
80 100 120 140
40
45
50
55
60
Frequency(MHz)
0
Symmetry 5.0 V CMOS Level
20
40
60
80 100 120 140
40
45
50
55
60
Frequency(MHz)
0
Frequency(MHz)
Output load vs. Additional Current consumption
20
40
60
80 100 120 140
2
4
6
8
10
12
14
16
18
20
2.5
VCC (V)
Voltage coefficient [ VCC vs I_dis,I_std ]
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
Output Rise time (CMOS Level)
15 20 25 30 35 40 45
1.0
1.5
2.0
3.0
2.5
Load capacitance (pF)
50 55
Output Fall time (CMOS Level)
3.0
10
15 20 25 30 35 40 45
1.0
1.5
2.0
2.5
Load capacitance (pF)
50 55
10
Output Fall time (TTL Level)
15
20
25
30
1.0
1.5
2.0
Load capacitance (pF)
Output Rise time (TTL Level)
10
15
20
25
30
1.0
1.5
2.0
Load capacitance (pF)
15 pF
50 pF
15 pF
30 pF
25 pF
15 pF
I_dis(Va)=Times(Va)×I_dis(5.0V)
I_std(Va)=Times(Va)×I_std(5.0V)
25 pF
15 pF
50 pF
30 pF
5.0 V
5.5 V
4.5 V
3.3 V
3.6 V
3.0 V
3.3 V
3.6 V
3.0 V
5.0 V
5.5 V
4.5 V
5.0 V
5.5 V
4.5 V
5.0 V
5.5 V
4.5 V
2.7 V
2.7 V
25 pF


Similar Part No. - SG-8002CE-PC

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-8002CE-PTB EPSON-SG-8002CE-PTB Datasheet
175Kb / 1P
   Product Configuration System
More results

Similar Description - SG-8002CE-PC

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG-8101CGA EPSON-SG-8101CGA Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
logo
Renesas Technology Corp
IDT8N4S271 RENESAS-IDT8N4S271 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
logo
NIHON DEMPA KOGYO
2775Y NDK-2775Y Datasheet
90Kb / 1P
   Crystal Clock Oscillator Programmable Type
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
logo
Renesas Technology Corp
IDT8N3S270 RENESAS-IDT8N3S270 Datasheet
1Mb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
IDT8N3S270EC-1103 RENESAS-IDT8N3S270EC-1103 Datasheet
1Mb / 16P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com