Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RACD30-700 Datasheet(PDF) 2 Page - Recom International Power

Part # RACD30-700
Description  30W Class II AC-DC LED Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD30-700 Datasheet(HTML) 2 Page - Recom International Power

  RACD30-700 Datasheet HTML 1Page - Recom International Power RACD30-700 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-electronic.com
L-40
REV: 0/2013
160
152
50
42
5.5mm socket
x 2.1mm
Cable entry
with strain relief
15
22
3.5mm dia.
8
45
Tc
RACD30
Series
LIGHTLINE
AC/DC-Converter
Package Style and Pinning
Connections
CN1
Function
L
VAC in (L)
N
VAC in (N)
CN2
Function
+
LED+
-
LED-
5.5mm Socket
Function
Pin
LED+
Shell
LED-
Tolerance
XX =+/-1mm
XX.X =+/-0.5mm
Overtemperature Protection
Shutdown, Automatic restart after cooling down
Operating Temperature Range
Ambient Temperature
-20°C to +50°C
(free air convection)
Case Temp.
85°C max. (500mA version: 90°C max.)
Weight
169g
Packing Quantity
1pc
Storage Temperature Range
-40°C to +100°C
Humidity
95% RH max.
IP Rating
IP20, Indoor Use Only
PCB Material
Plastic Resin with Fibreglass (UL94V-0)
Case Material
Plastic
Designed to meet Standards
Electrical Lighting, EMC Emissions
EN55015:2006 + A1: 2007 + A2:2009
Limits for Harmonics Emissions
EN 61000-3-2:2006
EMC Compatibilty: Flicker and Voltage Variations
EN 61000-3-3:2006
Electrical Lighting: EMC Immunity
EN 61547:1995 + A1:2000
Class II Power Supply Safety
UL1310
FCC
FCC18A
THD
<20%
Certifications
LED Lighting Safety
UL8750
SEMKO CE Certification, General Safety
EN 61347-1: 2008
SEMKO CE Certification, Safety of AC supplied Control Gear for LED Modules
EN 61347-2-13: 2006
Design Lifetime
25°C ambient
>70 x 10³ hours in operation
Connections
AC Input
Screw terminal
LED Output
Screw Terminal
LED Output
5.5mm Socket with 2mm Pin (Suitable matching plug Switchcraft S760 or similar)*
* Do not connect or disconnect the LED load while the converter is on. This may damage the LED or reduce its life.
Specifications cont. (typical at 25°C and after warm up time unless otherwise specified )
2 Mounting screws are included
Tc=Case Temperature Measuring Point
3rd angle
projection


Similar Part No. - RACD30-700

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD30-700 RECOM-RACD30-700 Datasheet
101Kb / 2P
   AC/DC-Converter with 5 year Warranty
RACD30-700 RECOM-RACD30-700 Datasheet
101Kb / 2P
   AC/DC-Converter with 5 year Warranty
More results

Similar Description - RACD30-700

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD03 RECOM-RACD03 Datasheet
93Kb / 2P
   3W Class II AC-DC LED Power Supply
RACD25 RECOM-RACD25 Datasheet
68Kb / 2P
   25W Class II AC-DC LED Power Supply
RACD06 RECOM-RACD06 Datasheet
95Kb / 2P
   6W AC-DC Class II LED Power Supply
RACD20-D RECOM-RACD20-D_13 Datasheet
87Kb / 2P
   20W Class II AC-DC LED Power Supply
RACD20 RECOM-RACD20_13 Datasheet
97Kb / 2P
   20W Class II AC-DC LED Power Supply
logo
Toppower Electronic Tec...
TPR-30-XS TOPPOWER-TPR-30-XS Datasheet
829Kb / 6P
   30W AC-DC DIN RAIL Power Supply
TPRSDR-30-24S TOPPOWER-TPRSDR-30-24S Datasheet
776Kb / 4P
   30W AC-DC DIN RAIL Power Supply
TPRDG-30-XS TOPPOWER-TPRDG-30-XS Datasheet
997Kb / 6P
   30W AC-DC DIN RAIL Power Supply
logo
LinkCom Manufacturing C...
30-LCVE LINKCOM-30-LCVE Datasheet
486Kb / 3P
   30W LED Power Supply
logo
Minmax Technology Co., ...
AQF-30 MINMAX-AQF-30_16 Datasheet
376Kb / 5P
   AC/DC Power Module 30W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com