Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHLP1616BZEB1R0M11 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IHLP1616BZEB1R0M11
Description  Low Profile, High Current IHLP Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP1616BZEB1R0M11 Datasheet(HTML) 1 Page - Vishay Siliconix

  IHLP1616BZEB1R0M11 Datasheet HTML 1Page - Vishay Siliconix IHLP1616BZEB1R0M11 Datasheet HTML 2Page - Vishay Siliconix IHLP1616BZEB1R0M11 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IHLP-1616BZ-11
www.vishay.com
Vishay Dale
Revision: 26-Feb-13
1
Document Number: 34196
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Profile, High Current IHLP® Inductors
Manufactured under one or more of the following:
US Patents; 6,198,375/6,204,744/6,449,829/6,460,244.
Several foreign patents, and other patents pending.
Notes
(1) All test data is referenced to 25 °C ambient
(2) Operating temperature range - 55 °C to + 125 °C
(3) DC current (A) that will cause an approximate
T of 40 °C
(4) DC current (A) that will cause L0 to drop approximately 20 %
(5) The part temperature (ambient + temp. rise) should not exceed
125 °C under worst case operating conditions. Circuit design,
component placement, PWB trace size and thickness, airflow
and other cooling provisions all affect the part temperature. Part
temperature should be verified in the end application.
FEATURES
• Shielded construction
• Lowest DCR/μH, in this package size
• Handles high transient current spikes without
saturation
• Ultra low buzz noise, due to composite
construction
• Excellent DC/DC energy storage up to 1 MHz to 2 MHz.
Filter inductor applications up to SFR (see “Standard
Electrical Specifications” table)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• PDA/notebook/desktop/server applications
• High current POL converters
• Low profile, high current power supplies
• Battery powered devices
• DC/DC converters in distributed power systems
• DC/DC converter for Field Programmable Gate Array
(FPGA)
STANDARD ELECTRICAL SPECIFICATIONS
L0
INDUCTANCE
± 20 %
AT 100 kHz,
0.25 V, 0 A
(μH)
DCR
TYP.
25 °C
(m
)
DCR
MAX.
25 °C
(m
)
HEAT
RATING
CURRENT
DC TYP.
(A) (3)
SATURATION
CURRENT
DC TYP.
(A) (4)
SRF
TYP.
(MHz)
0.10
4.1
4.5
12.0
12.0
299
0.22
6.5
7.0
9.0
9.0
158
0.47
14.5
16
7.0
7.0
97
1.0
24
27
4.5
5.0
64
2.2
61
68
3.25
3.25
40
3.3
89.3
94.3
2.7
2.2
35
4.7
95
105
1.7
1.75
29
DIMENSIONS in inches [millimeters]
0.160 ± 0.010
[4.06 ± 0.254]
0.175 ± 0.010
[4.45 ± 0.254]
0.030 ± 0.012
[0.76 ± 0.30]
0.079
[2.0]
Max.
0.065
[1.65]
0.090
[2.30]
0.195
[4.95]
Typical Pad Layout
0.080 ± 0.002
[2.0 ± 0.05]
DESCRIPTION
IHLP-1616BZ-11
4.7 μH
± 20 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
H
L
P
1
616
B
Z
E
R
4
R
7
M
11
PRODUCT FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
TOL.
SERIES


Similar Part No. - IHLP1616BZEB1R0M11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP1616BZER2R2M01 VISHAY-IHLP1616BZER2R2M01 Datasheet
204Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 06-Dec-12
IHLP1616BZER3R3M51 VISHAY-IHLP1616BZER3R3M51 Datasheet
312Kb / 4P
   IHLP® Commercial Inductors, High Temperature (155 °C) Series
01-Jan-2022
IHLP1616BZER3R3M5A VISHAY-IHLP1616BZER3R3M5A Datasheet
319Kb / 4P
   IHLP® Automotive Inductors, High Temperature (155 °C) Series
01-Jan-2022
IHLP1616BZER4R7M11 VISHAY-IHLP1616BZER4R7M11 Datasheet
214Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 19-Dec-13
IHLP1616BZER4R7M11 VISHAY-IHLP1616BZER4R7M11 Datasheet
209Kb / 4P
   IHLP® Commercial Inductors, Low DCR Series
01-Jan-2022
More results

Similar Description - IHLP1616BZEB1R0M11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-2525EZ-01 VISHAY-IHLP-2525EZ-01_09 Datasheet
157Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 18-May-09
IHLP2525CZERR22M01 VISHAY-IHLP2525CZERR22M01 Datasheet
123Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 24-Feb-11
IHLP5050EZER4R7M01 VISHAY-IHLP5050EZER4R7M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP2020BZER4R7M11 VISHAY-IHLP2020BZER4R7M11 Datasheet
290Kb / 6P
   Low Profile, High Current IHLP Inductors
Revision: 20-Sep-13
IHLP5050EZER7R8M01 VISHAY-IHLP5050EZER7R8M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP-5050FD-01 VISHAY-IHLP-5050FD-01_12 Datasheet
135Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP-5050FD-8A VISHAY-IHLP-5050FD-8A Datasheet
453Kb / 9P
   Low Profile, High Current IHLP Inductors
Revision: 03-May-16
IHLP-1212AB-11 VISHAY-IHLP-1212AB-11 Datasheet
288Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 12-Sep-16
IHLP-4040DZ-A1 VISHAY-IHLP-4040DZ-A1 Datasheet
123Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 18-Sep-15
IHLP-4040DZ-11 VISHAY-IHLP-4040DZ-11_15 Datasheet
130Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 26-Aug-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com