Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3050-0000-000N0UV40E3 Datasheet(PDF) 6 Page - Cree, Inc

Part # CXA3050-0000-000N0UV40E3
Description  LED array expands Crees family of high flux, multi die integrated arrays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3050-0000-000N0UV40E3 Datasheet(HTML) 6 Page - Cree, Inc

Back Button CXA3050-0000-000N0UV40E3 Datasheet HTML 2Page - Cree, Inc CXA3050-0000-000N0UV40E3 Datasheet HTML 3Page - Cree, Inc CXA3050-0000-000N0UV40E3 Datasheet HTML 4Page - Cree, Inc CXA3050-0000-000N0UV40E3 Datasheet HTML 5Page - Cree, Inc CXA3050-0000-000N0UV40E3 Datasheet HTML 6Page - Cree, Inc CXA3050-0000-000N0UV40E3 Datasheet HTML 7Page - Cree, Inc CXA3050-0000-000N0UV40E3 Datasheet HTML 8Page - Cree, Inc CXA3050-0000-000N0UV40E3 Datasheet HTML 9Page - Cree, Inc CXA3050-0000-000N0UV40E3 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
6
XLamp CXa3050 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
cct
range
cri
base order codes
min luminous flux
@ 1400 ma
chromaticity regions
order code
min
typ
group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
4000 K
70
75
W4
5225
5888
5A0, 5B0, 5C0, 5D0
CXA3050-0000-000N00W40e5
X2
5590
6299
CXA3050-0000-000N00X20e5
X4
6010
6773
CXA3050-0000-000N00X40e5
80
---
W2
4860
5477
5A0, 5B0, 5C0, 5D0
CXA3050-0000-000N0HW20e5
W4
5225
5888
CXA3050-0000-000N0HW40e5
X2
5590
6299
CXA3050-0000-000N0HX20e5
90
95
v2
4230
4767
5A0, 5B0, 5C0, 5D0
CXA3050-0000-000N0Uv20e5
v4
4545
5122
CXA3050-0000-000N0Uv40e5
W2
4860
5477
CXA3050-0000-000N0UW20e5
3500 K
80
---
W2
4860
5477
6A0, 6B0, 6C0, 6D0
CXA3050-0000-000N00W20e6
W4
5225
5888
CXA3050-0000-000N00W40e6
X2
5590
6299
CXA3050-0000-000N00X20e6
93
95
v2
4230
4767
6A0, 6B0, 6C0, 6D0
CXA3050-0000-000N0Yv20e6
v4
4545
5122
CXA3050-0000-000N0Yv40e6
W2
4860
5477
CXA3050-0000-000N0YW20e6
3000 K
80
---
W2
4860
5477
7A0, 7B0, 7C0, 7D0
CXA3050-0000-000N00W20e7
W4
5225
5888
CXA3050-0000-000N00W40e7
X2
5590
6299
CXA3050-0000-000N00X20e7
93
95
U4
3955
4469
7A0, 7B0, 7C0, 7D0
CXA3050-0000-000N0YU40e7
v2
4230
4767
CXA3050-0000-000N0Yv20e7
v4
4545
5122
CXA3050-0000-000N0Yv40e7
2700 K
80
---
v4
4545
5122
8A0, 8B0, 8C0, 8D0
CXA3050-0000-000N00v40e8
W2
4860
5477
CXA3050-0000-000N00W20e8
W4
5225
5888
CXA3050-0000-000N00W40e8
93
95
U2
3680
4158
8A0, 8B0, 8C0, 8D0
CXA3050-0000-000N0YU20e8
U4
3955
4469
CXA3050-0000-000N0YU40e8
v2
4230
4767
CXA3050-0000-000N0Yv20e8
fluX characteristics, ansi White order codes and bins (i
f = 1400 ma, tJ = 85 °c) -
continued


Similar Part No. - CXA3050-0000-000N0UV40E3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3050 SONY-CXA3050 Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
CXA3050M SONY-CXA3050M Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
More results

Similar Description - CXA3050-0000-000N0UV40E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com