Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3050-0000-000N00Y20E1 Datasheet(PDF) 1 Page - Cree, Inc

Part # CXA3050-0000-000N00Y20E1
Description  LED array expands Crees family of high flux, multi die integrated arrays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3050-0000-000N00Y20E1 Datasheet(HTML) 1 Page - Cree, Inc

  CXA3050-0000-000N00Y20E1 Datasheet HTML 1Page - Cree, Inc CXA3050-0000-000N00Y20E1 Datasheet HTML 2Page - Cree, Inc CXA3050-0000-000N00Y20E1 Datasheet HTML 3Page - Cree, Inc CXA3050-0000-000N00Y20E1 Datasheet HTML 4Page - Cree, Inc CXA3050-0000-000N00Y20E1 Datasheet HTML 5Page - Cree, Inc CXA3050-0000-000N00Y20E1 Datasheet HTML 6Page - Cree, Inc CXA3050-0000-000N00Y20E1 Datasheet HTML 7Page - Cree, Inc CXA3050-0000-000N00Y20E1 Datasheet HTML 8Page - Cree, Inc CXA3050-0000-000N00Y20E1 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Product family data sheet
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree
logo, XLamp® and easyWhite® are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
cree
® Xlamp® cXa3050 led
Product descriPtion
The XLamp CXA3050 LeD array
expands Cree’s family of high‑flux,
multi-die
integrated
arrays,
offering
high
performance
in
an easy-to-use platform. With
XLamp
lighting-class
reliability,
the CXA3050’s uniform emitting
surface enables both directional
and
non-directional
lighting
applications and luminaire and
lamp designs. Available in 2-step
and 4-step color consistency, and
featuring a 23-mm optical source,
the CXA3050 brings new levels of
flux and efficacy to this form factor.
features
• Available in ANSI white bins
as well as 4-step and 2-step
easyWhite® bins at 2700 K,
3000 K, 3500 K, 4000 K and
5000 K CCT
• Available in ANSI white bins as
well as 4-step easyWhite bins
at 5700 K and 6500 K CCT
• Available in 70-, 80-, 90- and
93-minimum CRI options
• Forward voltage: 37 v
• 85 °C binning and
characterization
• maximum drive current:
2500 mA
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux
bins
• RoHS- and ReACh-compliant
• UL-recognized component
(e349212)
table of contents
Characteristics .............................. 2
operating Limits............................ 2
Flux Characteristics, easyWhite
order Codes and Bins .................... 3
Flux Characteristics, ANSI White
order Codes and Bins .................... 5
Relative Spectral power Distribution . 7
electrical Characteristics................. 7
Relative Luminous Flux................... 8
Typical Spatial Distribution.............. 9
performance Groups - Brightness..... 9
performance Groups - Chromaticity.10
Cree easyWhite Bins plotted on the
CIe 1931 Color Space ...................12
Cree ANSI White Bins plotted on
the CIe 1931 Color Space ..............13
Bin and order Code Formats ..........14
mechanical Dimensions..................14
Thermal Design............................15
Notes..........................................16
packaging....................................17


Similar Part No. - CXA3050-0000-000N00Y20E1

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3050 SONY-CXA3050 Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
CXA3050M SONY-CXA3050M Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
More results

Similar Description - CXA3050-0000-000N00Y20E1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com