Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1816-0000-000N0YK20E8 Datasheet(PDF) 1 Page - Cree, Inc

Part # CXA1816-0000-000N0YK20E8
Description  CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N0YK20E8 Datasheet(HTML) 1 Page - Cree, Inc

  CXA1816-0000-000N0YK20E8 Datasheet HTML 1Page - Cree, Inc CXA1816-0000-000N0YK20E8 Datasheet HTML 2Page - Cree, Inc CXA1816-0000-000N0YK20E8 Datasheet HTML 3Page - Cree, Inc CXA1816-0000-000N0YK20E8 Datasheet HTML 4Page - Cree, Inc CXA1816-0000-000N0YK20E8 Datasheet HTML 5Page - Cree, Inc CXA1816-0000-000N0YK20E8 Datasheet HTML 6Page - Cree, Inc CXA1816-0000-000N0YK20E8 Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N0YK20E8 Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N0YK20E8 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Product family data sheet
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree
logo, XLamp® and easyWhite® are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
cree
® Xlamp® cXa1816 led
Product descriPtion
The XLamp CXA1816 LeD array
expands Cree’s family of high‑flux,
multi-die arrays in a smaller,
easy-to-use platform. With XLamp
lighting-class
reliability,
the
CXA1816’s small, uniform emitting
surface enables both directional
and
non-directional
lighting
applications including lamp retrofit
and luminaire designs. Available in
2-step and 4-step color consistency,
and featuring a 12-mm optical
source, the CXA1816 brings new
levels of flux and efficacy to this
form factor.
features
• Available in ANSI white bins
as well as 4-step and 2-step
easyWhite® bins at 2700 K,
3000 K, 3500 K, 4000 K and
5000 K CCT
• Available in ANSI white bins as
well as 4-step easyWhite bins
at 5700 K and 6500 K CCT
• Available in 70-, 80-, 90- and
93-minimum CRI options
• Forward voltage: 37 v
• 85 °C binning and
characterization
• maximum drive current:
900 mA
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux
bins
• RoHS- and ReACh-compliant
• UL-recognized component
(e349212)
table of contents
Characteristics .............................. 2
operating Limits............................ 2
Flux Characteristics, easyWhite
order Codes and Bins .................... 3
Flux Characteristics, ANSI White
order Codes and Bins .................... 5
Relative Spectral power Distribution . 7
electrical Characteristics................. 7
Relative Luminous Flux................... 8
Typical Spatial Distribution.............. 9
performance Groups - Brightness..... 9
performance Groups - Chromaticity.10
Cree easyWhite Bins plotted on the
1931 CIe Color Space ...................12
Cree ANSI White Bins plotted on
the 1931 CIe Color Space ..............13
Bin and order Code Formats ..........14
mechanical Dimensions..................14
Thermal Design............................15
Notes..........................................16
packaging....................................17


Similar Part No. - CXA1816-0000-000N0YK20E8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1816-0000-000N0YK227F CREE-CXA1816-0000-000N0YK227F Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N0YK227H CREE-CXA1816-0000-000N0YK227H Datasheet
2Mb / 17P
   XLamp LED
More results

Similar Description - CXA1816-0000-000N0YK20E8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com