Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1816-0000-000N00N40E8 Datasheet(PDF) 9 Page - Cree, Inc

Part # CXA1816-0000-000N00N40E8
Description  CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N00N40E8 Datasheet(HTML) 9 Page - Cree, Inc

Back Button CXA1816-0000-000N00N40E8 Datasheet HTML 5Page - Cree, Inc CXA1816-0000-000N00N40E8 Datasheet HTML 6Page - Cree, Inc CXA1816-0000-000N00N40E8 Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N00N40E8 Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N00N40E8 Datasheet HTML 9Page - Cree, Inc CXA1816-0000-000N00N40E8 Datasheet HTML 10Page - Cree, Inc CXA1816-0000-000N00N40E8 Datasheet HTML 11Page - Cree, Inc CXA1816-0000-000N00N40E8 Datasheet HTML 12Page - Cree, Inc CXA1816-0000-000N00N40E8 Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
9
XLamp CXa1816 LED
tyPical sPatial distribution
Performance grouPs - brightness (i
f = 450 ma, tJ = 85 °c)
XLamp CXA1816 LEDs are tested for luminous flux and placed into one of the following bins.
group code
min. luminous flux
@ 450 ma
max. luminous flux
@ 450 ma
J4
1120
1200
K2
1200
1290
K4
1290
1380
m2
1380
1485
m4
1485
1590
N2
1590
1710
N4
1710
1830
p2
1830
1965
p4
1965
2100
Q2
2100
2260
Q4
2260
2420
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)


Similar Part No. - CXA1816-0000-000N00N40E8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1816-0000-000N00N427F CREE-CXA1816-0000-000N00N427F Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N00N427G CREE-CXA1816-0000-000N00N427G Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N00N427H CREE-CXA1816-0000-000N00N427H Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N00N430F CREE-CXA1816-0000-000N00N430F Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N00N430H CREE-CXA1816-0000-000N00N430H Datasheet
2Mb / 17P
   XLamp LED
More results

Similar Description - CXA1816-0000-000N00N40E8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com