Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3050-0000-000N0YU427F Datasheet(PDF) 10 Page - Cree, Inc

Part # CXA3050-0000-000N0YU427F
Description  LED array expands Crees family of high flux, multi die integrated arrays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3050-0000-000N0YU427F Datasheet(HTML) 10 Page - Cree, Inc

Back Button CXA3050-0000-000N0YU427F Datasheet HTML 6Page - Cree, Inc CXA3050-0000-000N0YU427F Datasheet HTML 7Page - Cree, Inc CXA3050-0000-000N0YU427F Datasheet HTML 8Page - Cree, Inc CXA3050-0000-000N0YU427F Datasheet HTML 9Page - Cree, Inc CXA3050-0000-000N0YU427F Datasheet HTML 10Page - Cree, Inc CXA3050-0000-000N0YU427F Datasheet HTML 11Page - Cree, Inc CXA3050-0000-000N0YU427F Datasheet HTML 12Page - Cree, Inc CXA3050-0000-000N0YU427F Datasheet HTML 13Page - Cree, Inc CXA3050-0000-000N0YU427F Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
10
XLamp CXa3050 LED
Performance grouPs - chromaticity (t
J = 85 °c)
XLamp CXA3050 LEDs are tested for chromaticity and placed into one of the regions defined by the following bounding
coordinates.
easyWhite color temperatures – 4-step
code
cct
x
y
65F
6500 K
0.3253
0.3325
0.3249
0.3439
0.3331
0.3514
0.3330
0.3393
57F
5700 K
0.3097
0.3196
0.3079
0.3297
0.3164
0.3382
0.3176
0.3275
50F
5000 K
0.3407
0.3459
0.3415
0.3586
0.3499
0.3654
0.3484
0.3521
40F
4000 K
0.3744
0.3685
0.3782
0.3837
0.3912
0.3917
0.3863
0.3758
35F
3500 K
0.3981
0.3800
0.4040
0.3966
0.4186
0.4037
0.4116
0.3865
30F
3000 K
0.4242
0.3919
0.4322
0.4096
0.4449
0.4141
0.4359
0.3960
27F
2700 K
0.4475
0.3994
0.4573
0.4178
0.4695
0.4207
0.4589
0.4021
easyWhite color temperatures – 2-step
code
cct
x
y
50H
5000 K
0.3429
0.3507
0.3434
0.3571
0.3475
0.3604
0.3469
0.3539
40H
4000 K
0.3784
0.3741
0.3804
0.3818
0.3867
0.3857
0.3844
0.3778
35H
3500 K
0.4030
0.3857
0.4061
0.3941
0.4132
0.3976
0.4099
0.3890
30H
3000 K
0.4291
0.3973
0.4333
0.4062
0.4395
0.4084
0.4351
0.3994
27H
2700 K
0.4528
0.4046
0.4578
0.4138
0.4638
0.4152
0.4586
0.4060


Similar Part No. - CXA3050-0000-000N0YU427F

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3050 SONY-CXA3050 Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
CXA3050M SONY-CXA3050M Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
More results

Similar Description - CXA3050-0000-000N0YU427F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com