Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1830-0000-000N0YR435F Datasheet(PDF) 3 Page - Cree, Inc

Part # CXA1830-0000-000N0YR435F
Description  LED array expands Crees family of high flux, multi die arrays in a smaller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1830-0000-000N0YR435F Datasheet(HTML) 3 Page - Cree, Inc

  CXA1830-0000-000N0YR435F Datasheet HTML 1Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 2Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 3Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 4Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 5Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 6Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 7Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 8Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
3
XLamp CXa1830 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, easyWhite order codes and bins (i
f = 800 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA1830 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 11).
cct
range
cri
base order codes
min. luminous flux
@ 800 ma
2-step order code
4-step order code
min
typ
group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
5000 K
70
75
T4
3440
3887
50H
CXA1830-0000-000N00T450H
50F
CXA1830-0000-000N00T450F
U2
3680
4158
CXA1830-0000-000N00U250H
CXA1830-0000-000N00U250F
80
---
S4
2990
3379
50H
CXA1830-0000-000N0HS450H
50F
CXA1830-0000-000N0HS450F
T2
3200
3616
CXA1830-0000-000N0HT250H
CXA1830-0000-000N0HT250F
T4
3440
3887
CXA1830-0000-000N0HT450H
CXA1830-0000-000N0HT450F
4000 K
70
75
T2
3200
3616
40H
CXA1830-0000-000N00T240H
40F
CXA1830-0000-000N00T240F
T4
3440
3887
CXA1830-0000-000N00T440H
CXA1830-0000-000N00T440F
U2
3680
4158
CXA1830-0000-000N00U240H
CXA1830-0000-000N00U240F
80
---
S4
2990
3379
40H
CXA1830-0000-000N0HS440H
40F
CXA1830-0000-000N0HS440F
T2
3200
3616
CXA1830-0000-000N0HT240H
CXA1830-0000-000N0HT240F
3500 K
80
---
S4
2990
3379
35H
CXA1830-0000-000N00S435H
35F
CXA1830-0000-000N00S435F
T2
3200
3616
CXA1830-0000-000N00T235H
CXA1830-0000-000N00T235F
T4
3440
3887
CXA1830-0000-000N00T435H
CXA1830-0000-000N00T435F
93
95
Q4
2260
2554
35H
CXA1830-0000-000N0YQ435H
35F
CXA1830-0000-000N0YQ435F
R2
2420
2735
CXA1830-0000-000N0YR235H
CXA1830-0000-000N0YR235F
R4
2600
2938
CXA1830-0000-000N0YR435H
CXA1830-0000-000N0YR435F
3000 K
80
---
S4
2990
3379
30H
CXA1830-0000-000N00S430H
30F
CXA1830-0000-000N00S430F
T2
3200
3616
CXA1830-0000-000N00T230H
CXA1830-0000-000N00T230F
93
95
Q2
2100
2373
30H
CXA1830-0000-000N0YQ230H
30F
CXA1830-0000-000N0YQ230F
Q4
2260
2554
CXA1830-0000-000N0YQ430H
CXA1830-0000-000N0YQ430F
R2
2420
2735
CXA1830-0000-000N0YR230H
CXA1830-0000-000N0YR230F
2700 K
80
---
S2
2780
3141
27H
CXA1830-0000-000N00S227H
27F
CXA1830-0000-000N00S227F
S4
2990
3379
CXA1830-0000-000N00S427H
CXA1830-0000-000N00S427F
T2
3200
3616
CXA1830-0000-000N00T227H
CXA1830-0000-000N00T227F
93
95
p4
1965
2221
27H
CXA1830-0000-000N0Yp427H
27F
CXA1830-0000-000N0Yp427F
Q2
2100
2373
CXA1830-0000-000N0YQ227H
CXA1830-0000-000N0YQ227F
Q4
2260
2554
CXA1830-0000-000N0YQ427H
CXA1830-0000-000N0YQ427F


Similar Part No. - CXA1830-0000-000N0YR435F

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
More results

Similar Description - CXA1830-0000-000N0YR435F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com