Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN0603E10R0BBT3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTN0603E10R0BBT3
Description  Commercial Thin Film Chip Resistor, Surface Mount Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTN0603E10R0BBT3 Datasheet(HTML) 1 Page - Vishay Siliconix

  PTN0603E10R0BBT3 Datasheet HTML 1Page - Vishay Siliconix PTN0603E10R0BBT3 Datasheet HTML 2Page - Vishay Siliconix PTN0603E10R0BBT3 Datasheet HTML 3Page - Vishay Siliconix PTN0603E10R0BBT3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PTN
www.vishay.com
Vishay Dale Thin Film
Revision: 07-Mar-12
76
Document Number: 60026
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Commercial Thin Film Chip Resistor,
Surface Mount Chip
These chip resistors are available in both “top side” and
“wraparound” termination styles in a variety of sizes. They
incorporate self passivated, enhanced Tantalum Nitride
films, to give superior performance on moisture resistance,
voltage coefficient, power handling and resistance stability.
The terminations consist of an adhesion layer, a leach
resistant nickel barrier, and solder coating. This product will
out-perform
all
requirements
of
characteristic
E
of
MIL-PRF-55342.
CONSTRUCTION
FEATURES
• Moisture resistant
• High purity alumina substrate
• Non-standard values available
• Will pass + 85 °C, 85 % relative humidity and
10 % rated power
• 100 % visual inspected per MIL-PRF-55342
• Non-inductive
• Very low noise and voltage coefficient (< - 30 dB)
• Laser-trimmed tolerances to ± 0.1 %
• Wraparound resistance less than 10 m
• Epoxy bondable termination available
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Material
categorization:
For
definitions
please
see
www.vishay.com/doc?99912
Note
* Lead (Pb)-containing terminations are not RoHS-compliant.
Exemptions may apply.
TYPICAL PERFORMANCE
Note
(1) 0705 and 0805 are the same (only use 0805 when ordering)
Actual Size
1505
Adhesion Layer
High Purity
Alumina Substrate
Nickel Barrier
Solder
Coating
Passivation
Tantalum Nitride
Resistive Film
ABSOLUTE
TCR
25
TOL.
0.1
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Tantalum nitride
-
Resistance Range
10
 to 3 M
-
TCR: Absolute
± 25 ppm/°C to ± 100 ppm/°C
- 55 °C to + 125 °C
Tolerance: Absolute
± 0.1 % to ± 5 %
+ 25 °C
Stability: Absolute
R ± 0.03 %
2000 h at 70 °C
Stability: Ratio
--
Voltage Coefficient
0.1 ppm/V
-
Working Voltage
75 V to 200 V
-
Operating Temperature Range
- 55 °C to + 125 °C
-
Storage Temperature Range
- 55 °C to + 150 °C
-
Noise
< - 30 dB
-
Shelf Life Stability: Absolute
--
COMPONENT RATINGS
CASE SIZE (1)
POWER RATING (mW)
WORKING VOLTAGE (V)
RESISTANCE RANGE (
)
0402
50
75
20 to 51.1K
0502
100
75
20 to 65K
0505
150
75
20 to 130K
0603
150
75
10 to 130K
0705
200
100
10 to 301K
0805
200
100
10 to 301K
1005
250
100
10 to 360K
1010
500
150
50 to 600K
1206
400
200
10 to 1M
1505
400
150
10 to 1M
2208
750
150
10 to 1.75M
2010
800
200
10 to 2M
2512
1000
200
10 to 3M


Similar Part No. - PTN0603E10R0BBT3

ManufacturerPart #DatasheetDescription
logo
CUI Devices
PTN06 CUID-PTN06 Datasheet
406Kb / 6P
   ROTARY POTENTIOMETER
10/27/2022
PTN06-B01CA10 CUID-PTN06-B01CA10 Datasheet
406Kb / 6P
   ROTARY POTENTIOMETER
10/27/2022
PTN06-B01CA10-H CUID-PTN06-B01CA10-H Datasheet
406Kb / 6P
   ROTARY POTENTIOMETER
10/27/2022
PTN06-B01CA20 CUID-PTN06-B01CA20 Datasheet
406Kb / 6P
   ROTARY POTENTIOMETER
10/27/2022
PTN06-B01CA20-H CUID-PTN06-B01CA20-H Datasheet
406Kb / 6P
   ROTARY POTENTIOMETER
10/27/2022
More results

Similar Description - PTN0603E10R0BBT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTN VISHAY-PTN Datasheet
91Kb / 4P
   Commercial Thin Film Chip Resistor,Surface Mount Chip
Revision: 24-Aug-15
PTN1206E3321BST1 VISHAY-PTN1206E3321BST1 Datasheet
93Kb / 4P
   Commercial Thin Film Chip Resistor, Surface Mount Chip
Revision: 07-Mar-12
P1206E3322BBT VISHAY-P1206E3322BBT Datasheet
94Kb / 3P
   Commercial Thin Film Resistor, Surface Mount Chip
Revision: 27-Jun-13
PNS VISHAY-PNS Datasheet
93Kb / 3P
   Commercial Thin Film Resistor, Surface Mount Chip
Revision: 07-Aug-14
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
   Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
   Thin Film Chip Resistor
RG1005 ETC2-RG1005_1 Datasheet
1Mb / 3P
   THIN FILM CHIP RESISTOR
logo
RFE international
RMT06R-10K-B25 RFE-RMT06R-10K-B25 Datasheet
76Kb / 1P
   SURFACE MOUNT RMT Series: Thin Film Chip Resistor RESISTORS
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com