Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB20H150CT-1E3 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # SB20H150CT-1E3
Description  Dual Common-Cathode High-Voltage Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

SB20H150CT-1E3 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  SB20H150CT-1E3 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. SB20H150CT-1E3 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. SB20H150CT-1E3 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. SB20H150CT-1E3 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MBR20H150CT, MBRF20H150CT & SB20H150CT-1
www.kersemi.com
1
Dual Common-Cathode High-Voltage Schottky Rectifier
FEATURES
• Guardring for overvoltage protection
• Low power loss, high efficiency
• Low forward voltage drop
• High frequency operation
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency inverters, freewheeling and
polarity protection applications.
MECHANICAL DATA
Case: TO-220AB, ITO-220AB, TO-262AA
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Mounting Torque: 10 in-lbs maximum
Polarity: As marked
PRIMARY CHARACTERISTICS
IF(AV)
2 x 10 A
VRRM
150 V
IFSM
200 A
VF
0.75 V
TJ
175 °C
ITO-220AB
TO-262AA
MBR20H150CT
MBRF20H150CT
SB20H150CT-1
CASE
PIN 2
PIN 1
PIN 3
TO-220AB
1
2
3
1
2
3
1
2
3
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR20H150CT
UNIT
Maximum repetitive peak reverse voltage
VRRM
150
V
Working peak reverse voltage
VRWM
150
V
Maximum DC blocking voltage
VDC
150
V
Maximum average forward rectified current
total device
per diode
IF(AV)
20
10
A
Peak forward surge current 8.3 ms single half sine-wave superimposed
on rated load per diode
IFSM
200
A
Peak repetitive reverse current per diode at tp = 2 µs, 1 kHz
IRRM
1.0
A
Peak non-repetitive reverse surge energy per diode (8/20 µs waveform)
ERSM
10
mJ
Non-repetitive avalanche energy per diode at 25 °C, IAS = 1.5 A, L = 10 mH
EAS
11.25
mJ
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C
Isolation voltage (ITO-220AB only) from terminals to heatsink t = 1 min
VAC
1500
V


Similar Part No. - SB20H150CT-1E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB20H150CT-1E3/45 VISHAY-SB20H150CT-1E3/45 Datasheet
128Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 18-Apr-08
More results

Similar Description - SB20H150CT-1E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 19-May-08
MBR20H150CT VISHAY-MBR20H150CT_11 Datasheet
102Kb / 6P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 09-Aug-11
logo
Nell Semiconductor Co.,...
MBR30100CT NELLSEMI-MBR30100CT Datasheet
198Kb / 4P
   Dual Common Cathode High-Voltage Schottky Rectifier,
MBR10100CT NELLSEMI-MBR10100CT Datasheet
378Kb / 5P
   Dual Common Cathode High-Voltage Schottky Rectifier
logo
Bruckewell Technology L...
MBRF1060C BWTECH-MBRF1060C Datasheet
527Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
725Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 17-Aug-15
MBR10H15 VISHAY-MBR10H15_15 Datasheet
95Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 11-Dec-14
MBR60100CT VISHAY-MBR60100CT_15 Datasheet
82Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 13-Aug-13
logo
Bruckewell Technology L...
MBR3040CT BWTECH-MBR3040CT Datasheet
449Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR10HXXCT VISHAY-MBR10HXXCT Datasheet
157Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 29-Jul-15
M10HXXCT VISHAY-M10HXXCT Datasheet
153Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 18-Mar-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com