Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3K Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # S3K
Description  3.0 Ampere General Purpose Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

S3K Datasheet(HTML) 2 Page - Fairchild Semiconductor

  S3K Datasheet HTML 1Page - Fairchild Semiconductor S3K Datasheet HTML 2Page - Fairchild Semiconductor S3K Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S3A-S3M, Rev. C
2001 Fairchild Semiconductor Corporation
General Purpose Rectifiers
(continued)
Typical Characteristics
50
60
70
80
90
100 110 120 130 140 150
0
0.5
1
1.5
2
2.5
3
3.5
4
Lead Temperature [ºC]
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED
ON 0.3x 0.3"
(8.0x8.0mm)
COPPER PAD AREAS
0
20406080
100
120
140
0.1
1
10
100
R everse Voltage, V
R[V]
T = 125 C
º
A
T = 25 C
º
A
12
5
10
20
50
100
0
20
40
60
80
100
120
Number of Cycles at 60Hz
8.3mm Single Half Sine-Wave
JEDEC Method
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
0.01
0.1
1
10
100
Forward Voltage, V
F [V]
T = 25 C
º
J
Pulse Width = 300
µµµµs
2% Duty Cycle
1
5
10
50
100
5
10
50
100
Reverse Voltage, V
R [V]
T = 25 C
º
J
Figure 1. Forward Current Derating Curve
Figure 2. Forward Voltage Characteristics
Figure 3. Non-Repetitive Surge Current
Figure 4. Reverse Current vs Reverse Voltage
Figure 5. Total Capacitance


Similar Part No. - S3K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3K PANJIT-S3K Datasheet
115Kb / 3P
   SURFACE MOUNT RECTIFIER
S3K PANJIT-S3K Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Micro Commercial Compon...
S3K MCC-S3K Datasheet
630Kb / 4P
   3 Amp Silicon Rectifier 50 to 1000 Volts
logo
Vishay Siliconix
S3K VISHAY-S3K Datasheet
85Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 25-Apr-14
logo
Weitron Technology
S3K WEITRON-S3K Datasheet
185Kb / 3P
   Surface Mount Silicon Rectifiers
More results

Similar Description - S3K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5400 FAIRCHILD-1N5400 Datasheet
38Kb / 2P
   3.0 Ampere General Purpose Rectifiers
1N5391 FAIRCHILD-1N5391 Datasheet
35Kb / 2P
   1.5 Ampere General Purpose Rectifiers
1N5820 FAIRCHILD-1N5820 Datasheet
39Kb / 2P
   3.0 Ampere Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
ER300 BYTESONIC-ER300 Datasheet
146Kb / 2P
   3.0 Ampere SUPERFAST RECOVERY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32 Datasheet
82Kb / 4P
   3.0 Ampere Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
1N4245 NJSEMI-1N4245 Datasheet
143Kb / 1P
   2.5 AMPERE RATED, AXIAL-LEADED, GENERAL PURPOSE RECTIFIERS.
logo
Fairchild Semiconductor
EGP30A FAIRCHILD-EGP30A Datasheet
149Kb / 4P
   3.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP30A FAIRCHILD-EGP30A_V01 Datasheet
248Kb / 6P
   3.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Thinki Semiconductor Co...
SS32 THINKISEMI-SS32 Datasheet
503Kb / 2P
   3.0 AMPERE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Major League Electronic...
BLTSM-1-SH-S MAJOR-LEAGUE-BLTSM-1-SH-S Datasheet
143Kb / 1P
   3.0 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com