Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFR2500Z02202JR500 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # NFR2500Z02202JR500
Description  Fusible, Non-Flammable Metal Film Leaded Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NFR2500Z02202JR500 Datasheet(HTML) 5 Page - Vishay Siliconix

  NFR2500Z02202JR500 Datasheet HTML 1Page - Vishay Siliconix NFR2500Z02202JR500 Datasheet HTML 2Page - Vishay Siliconix NFR2500Z02202JR500 Datasheet HTML 3Page - Vishay Siliconix NFR2500Z02202JR500 Datasheet HTML 4Page - Vishay Siliconix NFR2500Z02202JR500 Datasheet HTML 5Page - Vishay Siliconix NFR2500Z02202JR500 Datasheet HTML 6Page - Vishay Siliconix NFR2500Z02202JR500 Datasheet HTML 7Page - Vishay Siliconix NFR2500Z02202JR500 Datasheet HTML 8Page - Vishay Siliconix NFR2500Z02202JR500 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28737
5
Revision: 30-Mar-10
NFR25, NFR25H
Vishay BCcomponents
Fusible, Non-Flammable Metal Film
Leaded Resistors
FUSING CHARACTERISTICS
NFR25H This graph is based on measured data
which may deviate according to the application.
Fusing Characteristics:
≤ 1 Ω
NFR25H This graph is based on measured data
which may deviate according to the application.
Fusing Characteristic: 1
Ω ≤ R ≤ 15 kΩ
PULSE LOADING CAPABILITIES
NFR25 Pulse on a regular basis; maximum permissible peak pulse power (
Pmax.) as a function of pulse duration (ti),
0.22
Ω ≤ R < 15 Ω
NFR25 Pulse on a regular basis; maximum permissible peak pulse power (
Pmax.) as a function of pulse duration (ti),
15
Ω ≤ R ≤ 15 kΩ
10
3
10
2
10
1
10
-1
12
4
0
8
P
overload (W)
t
(s)
16
20
24
10
3
10
2
10
1
10
-1
12
4
0
8
P
overload (W)
t
(s)
16
20
24
10
3
10
2
10
1
10
-1
50
20
10
5
2
t
i (s)
t
p/ti = 1000
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
500
200
100
P
max.
(W)
ˆ
20
2
100
10
3
10
2
10
1
10
-1
t
i (s)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
P
max.
(W)
ˆ
t
p/ti = 1000
ˆ
ˆ


Similar Part No. - NFR2500Z02202JR500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR2500002207JA100 VISHAY-NFR2500002207JA100 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
More results

Similar Description - NFR2500Z02202JR500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
   Fusible, Non-Flammable Resistors
Revision: 21-Feb-08
logo
Welwyn Components Limit...
FM1 WELWYN-FM1 Datasheet
110Kb / 2P
   Fusible Metal Film Resistors
logo
Riedon Powertron
MFFS-1 RIEDON-MFFS-1 Datasheet
45Kb / 1P
   Metal Film, Fusible Resistors
logo
Welwyn Components Limit...
FA8025 WELWYN-FA8025 Datasheet
117Kb / 2P
   Fusible Metal Film Resistors
logo
UNIOHM CORPORATION
FR-25 UNIOHM-FR-25 Datasheet
1Mb / 1P
   Fusible Metal Film Resistors
logo
Vishay Siliconix
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
   Metal Film, Cylindrical, Fusible Resistors
Revision 24-Jun-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com