Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ120CA Datasheet(PDF) 1 Page - Formosa MS

Part # P4SMAJ120CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

P4SMAJ120CA Datasheet(HTML) 1 Page - Formosa MS

  P4SMAJ120CA Datasheet HTML 1Page - Formosa MS P4SMAJ120CA Datasheet HTML 2Page - Formosa MS P4SMAJ120CA Datasheet HTML 3Page - Formosa MS P4SMAJ120CA Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0123452789
72
28 4 738429
74720087228
47
 
 100 !0"

#$%&
'(
)*+,)./*012
332
4+5
2
.6+5%$789:;<%)7=>3?'.5*=<8<9@A2
BC
=
)*+,A.0/+0DEF0B*;F00*65
<4*0A2
BF0*9?'.5
*G@
)*+,)FH
3*;F00*65;F00*65.6=IJ
=IIIK3/+L*M
.0>?'.5
*=<
8<
9@A2
BC
8
E5
*+DNE5
+5
*)./*012
332
4+5
2
.6?'.5
*O@
P4*0+5
2
6B+6DE5
.0+B*%*>4*0+5
F0*#+6B*
:;
'P%QER
=C
'.6S0*4*5
2
5
2
L*TF00*654FH
3*<4*0A2
BCG+6DD*0+5
*D+U.L*%4V89:;4*0A2
BC8
8C
W.F65
*D.69C
I>>8;.44*04+D35
.*+TX5
*0>2
6+H
C
GC
YC
G>332
6BH
*X+H
M32
6*S/+L*<DF5
NTNTH
*7O4FH
3*34*0>2
6F5
*3>+Z2
>F>C
OC
H
*+D5
*>4*0+5
F0*+5[9:;7%\C
9C
)*+,4H
F3*4./*0/+L*M
.0>2
3=IJ
=IIIKEC
74872
]A.03F0
M
+T*>.F65
*D+44H
2
T+5
2
.632
6.0
D*05
..45
2
>2
^*U.+0
D34+T*C
]\./40
.M
2
H
*4+T,+B*
]_F2
H
5
S
2
635
0
+2
60
*H
2
*M
](H
+334+332
L+5
*D`
F6T5
2
.6
]QZT*H
H
*65TH
+>42
6BT+4+U2
H
2
5
N
]\./2
6DFT5
+6T*
]A+350
*34.63*5
2
>*R5
N42
T+H
H
NH
*335
X+6=C
I43M
0
.>IL.H
5
35
._a>2
6
]%N42
T+H&
#H
*335
X+6=K$+U.L*=Ia
]b2
BX5
*>4*0+5
F0*3.H
D*02
6BR89I:;J
=I3*T.6D3+55
*0>2
6+H
3C
])H
+35
2
T4+T,+B*X+3c6D*0/02
5
*03\+U.0+5
.0NAH
+>>+U2
H
2
5
N
;H
+332
M
2
T+5
2
.6dOaS
P
37 e49
4f44
;+3*RgQ1Q;1PS
8=O$;H
./40
.M
2
H
*>.H
D*D4H
+35
2
T
%*0
>2
6+H
3RE.H
D*0H
*+D3<3.H
D*0
+UH
*4*0W&
\S
E%1S
[9I<W*5
X.D8I8h
).H
+0
2
5
NR&
6D2
T+5
*DUNT+5
X.D*U+6D *ZT*45_2
S
D2
0
*T5
2
.6+H5
N4*3C
E5
+6D+0
D)+T,+B*2
6BR=8>>5
+4*4*0
?
Q&
$S
OY=@
i*2
BX5
RIC
II8.F6T*3<IC
IhOB0
+>
34j9
33849
24f e484 789
29
2
#+5
2
6B+589:;+>U2
*655
*>4*0+5
F0*F6H
*33.5
X*0/2
3*34*T2
M
2
*DC#*32
35
2
L*.02
6DFT5
2
L*H
.+D<hIb^C
A.0;+4+T2
5
2
L*H
.+DD*0+5
*TF00*65UN8IkC
ElW_P\
a$\cQ
c'&
%E
)
))W
W2
62
>F> OII
i+553
OIC
I
$>43
)
W?$a@
=C
I
%
g<%E%(
S99 5
. m=9I
&
AEW
&
))W
E**%+UH
*=
i+553
$>43
no
pqrso
trso
ro
rvwqsxryz
po
{
{
o
pq|
q}
s~
€‚
ƒ„…
†‡ˆ‰
Š‹
ŠŒz
Ž‹
Ž~
Š‹
ŠŠz
‹
ŒŠ~
Š‹
z
‹
‘Š~
Š‹
‘z
’‹
““~
Š‹
Š”z
Ž‹
~
Š‹
Š“Œz
Ž‹
‘~
Š‹
Š”Šz
‹
‘Ž~
Š‹
Š’Šz
Š‹
”~
Š‹
ŽŠŽz
‘‹
‘~
Š‹
“z
‹
Œ‘~
Š‹
ŠŠz
Š‹
Ž‘Š~
Š‹
ŠŠ”z
Š‹
‘Š~
Š‹
ŠŠŒz
Š‹
ŽŠ’~
•–—‹
Š‹
Š“z
Ž‹
’~
Š‹
Š‘z
‹
“~
š›œ›žŸ¡¢
£¤¥¦¨
ª«¬­®¦¯°±
ª
±
²²­¦³ª¤°
¦
´¦µ¶
²¦³ª¤°
¦ ´¦µ¶
²¶
«¯
£¤¥¦·
¸°
°
¹º
»
»
¼¼¼·
½
«¾®«²¤®²·
¬«®»
¿ÀÁº
ÂÂÃÄÅÄÅÅÃÆÃÃè
ÇÈɺ
ÂÂÃÄÅÄÅÅÃÆèʨ
ªËÄÅÅÅÃÊÌ
ÅÍÍ»
ÍÅ»
¨Í
Åͨͻ
Íλ
¨Í
Ï
Ê
深圳FMS
Kinter
131
6803
0058


Similar Part No. - P4SMAJ120CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ120CA PANJIT-P4SMAJ120CA Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Surge Components
P4SMAJ120CA SURGE-P4SMAJ120CA Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Transys Electronics
P4SMAJ120CA TRSYS-P4SMAJ120CA Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ120CA WTE-P4SMAJ120CA Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ120CA PANJIT-P4SMAJ120CA Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMAJ120CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com