Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFR2500002208JA100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NFR2500002208JA100
Description  Fusible, Non-Flammable Metal Film Leaded Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NFR2500002208JA100 Datasheet(HTML) 3 Page - Vishay Siliconix

  NFR2500002208JA100 Datasheet HTML 1Page - Vishay Siliconix NFR2500002208JA100 Datasheet HTML 2Page - Vishay Siliconix NFR2500002208JA100 Datasheet HTML 3Page - Vishay Siliconix NFR2500002208JA100 Datasheet HTML 4Page - Vishay Siliconix NFR2500002208JA100 Datasheet HTML 5Page - Vishay Siliconix NFR2500002208JA100 Datasheet HTML 6Page - Vishay Siliconix NFR2500002208JA100 Datasheet HTML 7Page - Vishay Siliconix NFR2500002208JA100 Datasheet HTML 8Page - Vishay Siliconix NFR2500002208JA100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28737
3
Revision: 30-Mar-10
NFR25, NFR25H
Vishay BCcomponents
Fusible, Non-Flammable Metal Film
Leaded Resistors
PRODUCTS WITH RADIAL LEADS (NFR25, NFR25H)
Note
• Please refer document number 28721 “Packaging” for more detail
MARKING
The nominal resistance and tolerance are marked on the
resistor using four colored bands in accordance with
IEC 60062, marking codes for resistors and capacitors.
For ease of recognition a fifth ring is added, which is violet
for type NFR25 and white for type NFR25H.
OUTLINES
The length of the body (L1) is measured by inserting the
leads into holes of two identical gauge plates and moving
these plates parallel to each other until the resistor body is
clamped without deformation (IEC 60294).
FUNCTIONAL PERFORMANCE,
PRODUCT CHARACTERIZATION
Standard values of nominal resistance are taken from the
E24 series for resistors with a tolerance of ± 5 %.
The values of the E24 series are in accordance with
IEC 60063.
Note
(1) The maximum voltage that may be continuously applied to the resistor element, see IEC 60115-1. The maximum permissible hot-spot
temperature is 155 °C.
DIMENSIONS (Radial Taping)
SYMBOL
PARAMETER
VALUE
TOLERANCE
UNIT
P
Pitch of components
12.7
± 1.0
mm
P0
Feed-hole pitch
12.7
± 0.2
mm
P1
Feed-hole centre to lead at topside at the tape
3.85
± 0.5
mm
P2
Feed-hole center to body center
6.35
± 1.0
mm
F
Lead-to-lead distance
4.8
+ 0.7/- 0
mm
W
Tape width
18.0
± 0.5
mm
W0
Minimum hold down tape width
5.5
-
mm
H1
Component height
29.0
Max.
mm
H0
Lead wire clinch height
16.5
± 0.5
mm
H
Height of component from tape center
19.5
± 1
mm
D0
Feed-hole diameter
4.0
± 0.2
mm
L
Maximum length of snipped lead
11.0
-
mm
L1
Minimum lead wire (tape portion) shortest lead
2.5
-
mm
P
P
2
W
W
0
D
0
P
1
P
0
L
1
L
F
H
0
H
1
H
LIMITING VALUES
TYPE
LIMITING VOLTAGE
U (1)
(V)
LIMITING POWER
P70
(W)
NFR25
250
0.33
NFR25H
350
0.5


Similar Part No. - NFR2500002208JA100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR2500002207JA100 VISHAY-NFR2500002207JA100 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
More results

Similar Description - NFR2500002208JA100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
   Fusible, Non-Flammable Resistors
Revision: 21-Feb-08
logo
Welwyn Components Limit...
FM1 WELWYN-FM1 Datasheet
110Kb / 2P
   Fusible Metal Film Resistors
logo
Riedon Powertron
MFFS-1 RIEDON-MFFS-1 Datasheet
45Kb / 1P
   Metal Film, Fusible Resistors
logo
Welwyn Components Limit...
FA8025 WELWYN-FA8025 Datasheet
117Kb / 2P
   Fusible Metal Film Resistors
logo
UNIOHM CORPORATION
FR-25 UNIOHM-FR-25 Datasheet
1Mb / 1P
   Fusible Metal Film Resistors
logo
Vishay Siliconix
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
   Metal Film, Cylindrical, Fusible Resistors
Revision 24-Jun-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com