Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN50E10R0BBSL143 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RN50E10R0BBSL143
Description  Metal Film Resistors, Military, MIL-R-10509 Qualified
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RN50E10R0BBSL143 Datasheet(HTML) 4 Page - Vishay Siliconix

  RN50E10R0BBSL143 Datasheet HTML 1Page - Vishay Siliconix RN50E10R0BBSL143 Datasheet HTML 2Page - Vishay Siliconix RN50E10R0BBSL143 Datasheet HTML 3Page - Vishay Siliconix RN50E10R0BBSL143 Datasheet HTML 4Page - Vishay Siliconix RN50E10R0BBSL143 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CMF (Military RN and RL)
www.vishay.com
Vishay Dale
Revision: 02-May-13
4
Document Number: 31027
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
RL series are color banded per MIL-PRF-22684.
MARKING (per MIL-PRF-10509)
Characteristics: D = 100 ppm, C = 50 ppm, E = 25 ppm
Tolerance: F = 1 %, D = 0.5 %, C = 0.25 %, B = 0.1 %
Value = Three significant figures and multiplier
J = JAN (Joint Army - Navy) brand
RN50: (3 lines)
RN55, RN60, RN65, RN70 (4 lines)
J50D
1211
F137
JAN, type, characteristic
Value
Tolerance and 3 digit date code
DALE
0137J
RN55D
1211F
Company logo
4 digit date code and JAN brand
Type and characteristic
Value and Tolerance
PERFROMANCE
REQUIREMENT
MIL-R-10509
MIL-PRF-22684
CHARACTERISTIC D
CHARACTERISTIC C
CHARACTERISTIC E
MIL Temperature Coefficient
+ 200 ppm/°C - 500 ppm/°C
± 50 ppm/°C
± 25 ppm/°C
± 200 ppm/°C
Applicable Vishay Dale
Temperature Coefficient
± 100 ppm/°C
± 50 ppm/°C
± 25 ppm/°C
± 200 ppm/°C
TEST
MILmax.
MILmax.
MILmax.
MILmax.
Thermal Shock
± 0.50 %
R
± 0.25 %
R
± 0.25 %
R
± 1.00 %
R
Short Time Overload
± 0.50 %
R
± 0.25 %
R
± 0.25 %
R
± 0.50 %
R
Low Temperature Operation
± 0.50 %
R
± 0.25 %
R
± 0.25 %
R
± 0.50 %
R
Moisture Resistance
± 1.50 %
R
± 0.50 %
R
± 0.50 %
R
± 1.50 %
R
Shock
± 0.50 %
R
± 0.25 %
R
± 0.25 %
R
± 0.50 %
R
Vibration
± 0.50 %
R
± 0.25 %
R
± 0.25 %
R
± 0.50 %
R
Load Life
± 1.00 %
R
± 0.50 %
R
± 0.50 %
R
± 2.00 %
R
Dielectric Withstanding
Voltage
± 0.50 %
R
± 0.25 %
R
± 0.25 %
R
± 0.50 %
R
Effect of Solder
± 0.50 %
R
± 0.10 %
R
± 0.10 %
R
± 0.50 %
R
THERMAL RESISTANCE
0
20
40
60
80
100
120
APPLIED POWER IN W
0
0.125
0.25
0.375
0.5
0.625
0.75 0.875
1
1.125
CMF65,
CMF70
CMF50
CMF55
CMF60
CMF20
CMF07


Similar Part No. - RN50E10R0BBSL143

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN50E10R0BBSL143 VISHAY-RN50E10R0BBSL143 Datasheet
154Kb / 5P
   Metal Film Resistors
Revision: 02-May-13
More results

Similar Description - RN50E10R0BBSL143

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN60D3483FR36 VISHAY-RN60D3483FR36 Datasheet
160Kb / 5P
   Metal Film Resistors, Military MIL-R-10509 Qualified, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 28-Aug-06
RN55D5621F VISHAY-RN55D5621F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
RN55E1002BR36 VISHAY-RN55E1002BR36 Datasheet
158Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 11-Mar-10
RN55D2742F VISHAY-RN55D2742F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
CMF VISHAY-CMF Datasheet
146Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL_15 Datasheet
146Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 25-Aug-15
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com