Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ64 Datasheet(PDF) 4 Page - Formosa MS

Part # P4SMAJ64
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

P4SMAJ64 Datasheet(HTML) 4 Page - Formosa MS

  P4SMAJ64 Datasheet HTML 1Page - Formosa MS P4SMAJ64 Datasheet HTML 2Page - Formosa MS P4SMAJ64 Datasheet HTML 3Page - Formosa MS P4SMAJ64 Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
011
01
02
1
12
0
12
034
02
156
0156
7
8
49
349


390 9 349
9
39
011
!"
"1
#"
1
0#" 0"1 0!" #11
#"
"1
!"
011
1
02
134
0134
01134

$
99 939

39#9
39
 
$99 4
$

39%
& 
 
9
7

9
56

39) 3499
1
02
1
#2
1
)2
1
%2
1
1
"1
011
0"1
*#"
+,
6-.
87
/
7
8.
6-0
.
1-8
267
/- 3.
17/-4
-7
/- -2
+4
4
-17-52667
3"1 30
((
7
0
*01 + 6-5
017
0111 + 6-528-0
34
5
26-0
.
1-896-2
92
2
-22,
+-

((5
2,
02,
+-
((
#
-7
7
8
 99 939

2
":
39 9

9
943939
02
1 #2
1
"2
1 01
#1
"1 011 #11
-26+4
-827
;-4
3$.
26
-26+4
-827
47
2180
0
3,
7
2/-
 

<
*#"
0
*02
1;
6.
=*"15((
3+17
-831"2
155
3((-42184
-26
"1
%1
)1
#1
01
#
%
01
#1
%1
011
1
0
01
111
0
111
011
01
*52>
?2
)564.
1=,
-2,
04.
15-
28-
'99-7
/38
' '
31-(-7
.
7
8-
+,
6-28-0
35
4/3@1.
1,
=+4
-)
*#"
ABCDEFCHIJ
HC
CKILEMHDNKOPPIEOCJ
HOPQNRPESHCKAAIHCCNI
VWXYWZ[]^
_`abd
fghijbklm
f
m
nnibof`l
b
pbqr
nbof`l
b pbqr
nr
gk
_`abs
tl
l
uv
w
w
xxxs
y
gzjgn`jns
hgjw
{|}v
~~€€‚ƒ
„…†v
~~€€‚ƒdƒ
f‡€dˆ
‰‰~w
‰w
ƒ‰
‰ƒ‰w
‰Šw
ƒ‰
‹
d
深圳FMS
Kinter
131
6803
0058


Similar Part No. - P4SMAJ64

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ64 PANJIT-P4SMAJ64 Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
P4SMAJ64 PANJIT-P4SMAJ64 Datasheet
179Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Surge Components
P4SMAJ64 SURGE-P4SMAJ64 Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Yea Shin Technology Co....
P4SMAJ64 YEASHIN-P4SMAJ64 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
Transys Electronics
P4SMAJ64 TRSYS-P4SMAJ64 Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMAJ64

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com