Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFR2500002207JA500 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # NFR2500002207JA500
Description  Fusible, Non-Flammable Metal Film Leaded Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NFR2500002207JA500 Datasheet(HTML) 4 Page - Vishay Siliconix

  NFR2500002207JA500 Datasheet HTML 1Page - Vishay Siliconix NFR2500002207JA500 Datasheet HTML 2Page - Vishay Siliconix NFR2500002207JA500 Datasheet HTML 3Page - Vishay Siliconix NFR2500002207JA500 Datasheet HTML 4Page - Vishay Siliconix NFR2500002207JA500 Datasheet HTML 5Page - Vishay Siliconix NFR2500002207JA500 Datasheet HTML 6Page - Vishay Siliconix NFR2500002207JA500 Datasheet HTML 7Page - Vishay Siliconix NFR2500002207JA500 Datasheet HTML 8Page - Vishay Siliconix NFR2500002207JA500 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Document Number: 28737
For technical questions, contact: filmresistorsleaded@vishay.com
www.vishay.com
Revision: 30-Mar-10
4
NFR25, NFR25H
Fusible, Non-Flammable Metal Film
Leaded Resistors
Vishay BCcomponents
DERATING
The power that the resistor can dissipate depends on the operating temperature.
Maximum dissipation (
Pmax.) in percentage of rated power as a function of the ambient temperature (Tamb)
FUSING CHARACTERISTICS
The resistors will fuse without the risk of fire and within an indicated range of overload. Fusing means that the resistive value of
the resistor increases at least 100 times.
The fusing characteristic is measured under constant voltage.
NFR25 This graph is based on measured data
which may deviate according to the application.
Fusing Characteristics:
≤ 1 Ω
NFR25 This graph is based on measured data
which may deviate according to the application.
Fusing Characteristics: 1
Ω ≤ R ≤ 15 Ω
NFR25 This graph is based on measured data which may deviate according to the application.
Fusing Characteristics: 15
Ω ≤ R ≤ 15 kΩ
70
100
50
0
0
50
100
155
- 55
P
max.
(%
P
rated)
T
amb (°C)
10
3
10
2
10
1
10
-1
12
4
0
8
P
overload (W)
t
(s)
16
20
24
10
3
10
2
10
1
10
-1
6
2
0
4
P
overload (W)
t
(s)
810
12
10
3
10
2
10
1
10
-1
6
2
0
4
P
overload (W)
t
(s)
810
12


Similar Part No. - NFR2500002207JA500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR2500002207JA100 VISHAY-NFR2500002207JA100 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
More results

Similar Description - NFR2500002207JA500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
   Fusible, Non-Flammable Resistors
Revision: 21-Feb-08
logo
Welwyn Components Limit...
FM1 WELWYN-FM1 Datasheet
110Kb / 2P
   Fusible Metal Film Resistors
logo
Riedon Powertron
MFFS-1 RIEDON-MFFS-1 Datasheet
45Kb / 1P
   Metal Film, Fusible Resistors
logo
Welwyn Components Limit...
FA8025 WELWYN-FA8025 Datasheet
117Kb / 2P
   Fusible Metal Film Resistors
logo
UNIOHM CORPORATION
FR-25 UNIOHM-FR-25 Datasheet
1Mb / 1P
   Fusible Metal Film Resistors
logo
Vishay Siliconix
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
   Metal Film, Cylindrical, Fusible Resistors
Revision 24-Jun-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com