Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ABC300 Datasheet(PDF) 1 Page - Power-One

Part No. ABC300
Description  200 W convection cooled, Inhibit and Power Good signals
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWER-ONE [Power-One]
Homepage  http://www.power-one.com
Logo 

ABC300 Datasheet(HTML) 1 Page - Power-One

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BCD.00285_AA_September-18-2013
1
www.power-one.com
DATA SHEET
Instrumentation
Lighting
Industrial Applications
Test and Measurement
Robotics
Renewable Energy
Data Comm.
Applied Computing
Process Control
Wireless
ABC300 SERIES 300W AC/DC
200 W convection cooled
-20 to 50 deg C full load operation
3” x 5“ x 1.5” (76.2 x 127 x 38.1 mm)
No minimum load required
12 V fan & 5 V standby outputs
Inhibit and Power Good signals
Conducted EMI EN 55022-B, FCC Part 15 Level B
ITE Safety Agency Approvals
RoHS Compliant
FEATURES
APPLICATIONS


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn