Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP37AZ Datasheet(PDF) 9 Page - Analog Devices

Part # OP37AZ
Description  Low Noise, Precision, High Speed tional Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP37AZ Datasheet(HTML) 9 Page - Analog Devices

Back Button OP37AZ Datasheet HTML 5Page - Analog Devices OP37AZ Datasheet HTML 6Page - Analog Devices OP37AZ Datasheet HTML 7Page - Analog Devices OP37AZ Datasheet HTML 8Page - Analog Devices OP37AZ Datasheet HTML 9Page - Analog Devices OP37AZ Datasheet HTML 10Page - Analog Devices OP37AZ Datasheet HTML 11Page - Analog Devices OP37AZ Datasheet HTML 12Page - Analog Devices OP37AZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. B
–9–
OP37
TOTAL SUPPLY VOLTAGE – Volts
2.5
010
40
20
30
TA = 25 C
50
2.0
1.5
1.0
0.5
0
RL = 2k
RL = 1k
TPC 19. Open-Loop Voltage Gain vs.
Supply Voltage
CAPACITIVE LOAD – pF
80
60
0
0500
2000
1000
1500
40
20
VS = 15V
VIN = 20mV
AV = +5 (1k , 250 )
TPC 22. Small-Signal Overshoot vs.
Capacitive Load
TIME FROM OUTPUT SHORTED TO
GROUND – MINUTES
60
01
4
23
5
50
40
30
20
10
TA = 25 C
VS = 15V
ISC(+)
ISC(–)
TPC 25. Short-Circuit Current vs. Time
FREQUENCY – Hz
28
104
105
106
107
24
20
16
12
8
4
0
TA = 25 C
VS = 15V
TPC 20. Maximum Output Swing vs.
Frequency
5V
1µs
+10V
0V
–10V
TA = 25 C
VS = 15V
AV = +5 (1k , 250 )
TPC 23. Large-Signal Transient
Response
FREQUENCY – Hz
140
1k
120
100
80
60
40
10k
100k
1M
10M
VS = 15V
TA = 25 C
VCM = 10V
TPC 26. CMRR vs. Frequency
LOAD RESISTANCE –
18
100
1k
10k
16
14
12
10
8
6
4
2
0
–2
TA = 25 C
VS = 15V
POSITIVE
SWING
NEGATIVE
SWING
TPC 21. Maximum Output Voltage
vs. Load Resistance
20mV
200ns
+50mV
0V
–50mV
TA = 25 C
VS = 15V
AV = +5
(1k , 250 )
TPC 24. Small-Signal Transient
Response
SUPPLY VOLTAGE – Volts
16
0
5
12
8
4
0
–4
10
15
20
–8
–12
–16
TA = –55 C
TA = +125 C
TA = +25 C
TA = +25 C
TA = –55 C
TA = +125 C
TPC 27. Common-Mode Input Range
vs. Supply Voltage


Similar Part No. - OP37AZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP37AZ AD-OP37AZ Datasheet
389Kb / 16P
   Low Noise, Precision, High Speed Operational Amplifier
REV. A
logo
Maxim Integrated Produc...
OP37AZ MAXIM-OP37AZ Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
More results

Similar Description - OP37AZ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2975H AKM-AK2975H Datasheet
1Mb / 17P
   Precision High Speed Low Noise Operational Amplifier
AK2975 AKM-AK2975 Datasheet
1Mb / 17P
   Precision High Speed Low Noise Operational Amplifier
logo
Analog Devices
OP37 AD-OP37 Datasheet
389Kb / 16P
   Low Noise, Precision, High Speed Operational Amplifier
REV. A
OP37 AD-OP37_15 Datasheet
566Kb / 16P
   Low Noise, Precision, High Speed Operational Amplifier
logo
Texas Instruments
TLE2141-EP TI1-TLE2141-EP_12 Datasheet
821Kb / 33P
[Old version datasheet]   Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI1-TLE2142-Q1 Datasheet
473Kb / 23P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI-TLE2142-Q1_15 Datasheet
465Kb / 25P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2144-EP TI-TLE2144-EP_15 Datasheet
737Kb / 33P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI-TLE2141-EP Datasheet
1Mb / 22P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027-EP TI1-TLE2027-EP Datasheet
795Kb / 28P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com