Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR260 Datasheet(PDF) 5 Page - Formosa MS

Part # SR260
Description  2.0A Axial Leaded Schottky Barrier Rectifiers-20V-200V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SR260 Datasheet(HTML) 5 Page - Formosa MS

  SR260 Datasheet HTML 1Page - Formosa MS SR260 Datasheet HTML 2Page - Formosa MS SR260 Datasheet HTML 3Page - Formosa MS SR260 Datasheet HTML 4Page - Formosa MS SR260 Datasheet HTML 5Page - Formosa MS SR260 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
01235
7898 
0




 !"!#
$5!##!#$
5

#%
$
&'()3*+


,,(3-1+
3
.3/0
,3-1+
3 .3/0
,0
&*
0123%
12
1
31
4501
67
45
8039:;

1.
:3
<1
.4
3
<1
67
45#
8039.4;
00.:%
.33
=1
>48?2;
8)9
);
8)9
);
@+
+
AB
9
9
CCC%
D
&E)&,1),%
'&)9
41B
""$###$ $$$
F:B
""$###$ $
GHHIJKGLGHHII
MNNO POQPRO9 ST98UV
S
O U89 8S
QO9V
WNT98XO O
%
31-D
E33+
3)A3E1+
(E3AE&D
0
Z
3C1/3,&Z
-3E0
*2
 #  $ "  # $ " # ###
40
)3833';

#

$
"

#

$
"
#
##
#
#$
#"
0E3@31+
[1\2E1-0
3*+#]9
,
031?
[1\C3Z
Z
+
0
)35[1\
&&Z&C*
[1\2E1-0
3*+
]9
,
3(223,+
3-2E1-0
3*+#]9
,&E
Z
3,,

031?,&Z
-3E0
*2+
3)A3E1+
(E3*&+
+
&3\'33-#$]
3###$$
#"9#9
#99#

$
^_`
abdeafefghijk
k
lmnaoo`
eopehk
`
q
`
eo
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SR260

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR260 DGNJDZ-SR260 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR260 WTE-SR260 Datasheet
49Kb / 3P
   2.0A SCHOTTKY BARRIER RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SR260 SEMTECH_ELEC-SR260 Datasheet
315Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SR260 PACELEADER-SR260 Datasheet
524Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
SR260 FRONTIER-SR260 Datasheet
432Kb / 2P
   2A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR260

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR320 FORMOSA-SR320_13 Datasheet
138Kb / 6P
   3.0A Axial Leaded Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
Formosa MS
SR5150 FORMOSA-SR5150_13 Datasheet
127Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 150V-200V
SR520 FORMOSA-SR520_13 Datasheet
128Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
SR820 FORMOSA-SR820_13 Datasheet
129Kb / 6P
   8.0A Axial Leaded Schottky Barrier Rectifiers - 20V-150V
SR120 FORMOSA-SR120_13 Datasheet
135Kb / 6P
   1.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
logo
SUNMATE electronic Co.,...
SB220 SUNMATE-SB220 Datasheet
95Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diode
SR220 SUNMATE-SR220 Datasheet
135Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diode
SD101A SUNMATE-SD101A Datasheet
197Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com