Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8043AFSZ-REEL3 Datasheet(PDF) 4 Page - Analog Devices

Part # DAC8043AFSZ-REEL3
Description  12-Bit Serial Input Multiplying D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8043AFSZ-REEL3 Datasheet(HTML) 4 Page - Analog Devices

  DAC8043AFSZ-REEL3 Datasheet HTML 1Page - Analog Devices DAC8043AFSZ-REEL3 Datasheet HTML 2Page - Analog Devices DAC8043AFSZ-REEL3 Datasheet HTML 3Page - Analog Devices DAC8043AFSZ-REEL3 Datasheet HTML 4Page - Analog Devices DAC8043AFSZ-REEL3 Datasheet HTML 5Page - Analog Devices DAC8043AFSZ-REEL3 Datasheet HTML 6Page - Analog Devices DAC8043AFSZ-REEL3 Datasheet HTML 7Page - Analog Devices DAC8043AFSZ-REEL3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. B
DAC8043A
–4–
SRI
CLK
LD
SRI
CLK
LD
FS
ZS
VOUT
DATA LOADED MSB(D11) FIRST
DAC REGISTER LOAD
D11
D10
D9
D8
D6
D5
D4
D3
D2
D1
D0
D7
tLD1
tDS
tDH
tCL
tCH
tLD
tS
1 LSB
ERROR BAND
Dxx
tASB
Figure 2. Timing Diagram
Table I. Control-Logic Truth Table
CLK
LD
Serial Shift Register Function
DAC Register Function
u
H
Shift-Register-Data Advanced One Bit Latched
H or L
L
No Effect
Updated with Current Shift Register Contents
L
u
No Effect
Latched All 12 Bits
NOTES
u positive logic transition.
The DAC Register
LD input is level-sensitive. Any time LD is logic-low data in the serial register will directly control the
switches in the R-2R DAC ladder.
TOTAL UNADJUSTED ERROR – LSB
15
20
0
–1.0
1.0
10
30
–0.5
0.0
0.5
SS = 200 UNITS
TA = 25 C
VDD = 5V
VREF = 10V
25
5
35
Figure 3. Total Unadjusted Error Histogram
Typical Performance Characteristics
FULL SCALE TEMPCO – ppm/ C
30
20
0
0
10
40
50
SS = 200 UNITS
TA = –40 C TO +85 C
VDD = 5V
VREF = 10V
12
Figure 4. Full-Scale Output Tempco Histogram


Similar Part No. - DAC8043AFSZ-REEL3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8043AFS AD-DAC8043AFS Datasheet
137Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
REV. 0
More results

Similar Description - DAC8043AFSZ-REEL3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8043A AD-DAC8043A Datasheet
137Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
REV. 0
DAC8043A AD-DAC8043A_15 Datasheet
700Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
PM7543 AD-PM7543 Datasheet
739Kb / 12P
   12-BIT SERIAL INPUT MULTIPLYING CMOS D/A CONVERT
REV. D
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
   12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
AD7541 INTERSIL-AD7541 Datasheet
53Kb / 8P
   12-Bit, Multiplying D/A Converter
August 1997
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
   12-Bit, Multiplying D/A Converter
May 2002
logo
Texas Instruments
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Analog Devices
AD5441 AD-AD5441 Datasheet
281Kb / 16P
   12-Bit Serial Input Multiplying DAC
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com