Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2111KS-66 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-2111KS-66
Description  ADSP-2100 Family DSP Microcomputers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2111KS-66 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-2111KS-66 Datasheet HTML 1Page - Analog Devices ADSP-2111KS-66 Datasheet HTML 2Page - Analog Devices ADSP-2111KS-66 Datasheet HTML 3Page - Analog Devices ADSP-2111KS-66 Datasheet HTML 4Page - Analog Devices ADSP-2111KS-66 Datasheet HTML 5Page - Analog Devices ADSP-2111KS-66 Datasheet HTML 6Page - Analog Devices ADSP-2111KS-66 Datasheet HTML 7Page - Analog Devices ADSP-2111KS-66 Datasheet HTML 8Page - Analog Devices ADSP-2111KS-66 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADSP-2100 Family
DSP Microcomputers
ADSP-21xx
SUMMARY
16-Bit Fixed-Point DSP Microprocessors with
On-Chip Memory
Enhanced Harvard Architecture for Three-Bus
Performance: Instruction Bus & Dual Data Buses
Independent Computation Units: ALU, Multiplier/
Accumulator, and Shifter
Single-Cycle Instruction Execution & Multifunction
Instructions
On-Chip Program Memory RAM or ROM
& Data Memory RAM
Integrated I/O Peripherals: Serial Ports, Timer,
Host Interface Port (ADSP-2111 Only)
FEATURES
25 MIPS, 40 ns Maximum Instruction Rate
Separate On-Chip Buses for Program and Data Memory
Program Memory Stores Both Instructions and Data
(Three-Bus Performance)
Dual Data Address Generators with Modulo and
Bit-Reverse Addressing
Efficient Program Sequencing with Zero-Overhead
Looping: Single-Cycle Loop Setup
Automatic Booting of On-Chip Program Memory from
Byte-Wide External Memory (e.g., EPROM )
Double-Buffered Serial Ports with Companding Hardware,
Automatic Data Buffering, and Multichannel Operation
ADSP-2111 Host Interface Port Provides Easy Interface
to 68000, 80C51, ADSP-21xx, Etc.
Automatic Booting of ADSP-2111 Program Memory
Through Host Interface Port
Three Edge- or Level-Sensitive Interrupts
Low Power IDLE Instruction
PGA, PLCC, PQFP, and TQFP Packages
MIL-STD-883B Versions Available
This data sheet describes the following ADSP-2100 Family
processors:
ADSP-2101
ADSP-2103
3.3 V Version of ADSP-2101
ADSP-2105
Low Cost DSP
ADSP-2111
DSP with Host Interface Port
ADSP-2115
ADSP-2161/62/63/64
Custom ROM-programmed DSPs
The following ADSP-2100 Family processors are not included
in this data sheet:
ADSP-2100A
DSP Microprocessor
ADSP-2165/66
ROM-programmed ADSP-216x processors
with powerdown and larger on-chip
memories (12K Program Memory ROM,
1K Program Memory RAM, 4K Data
Memory RAM)
ADSP-21msp5x
Mixed-Signal DSP Processors with
integrated on-chip A/D and D/A plus
powerdown
ADSP-2171
Speed and feature enhanced ADSP-2100
Family processor with host interface port,
powerdown, and instruction set extensions
for bit manipulation, multiplication, biased
rounding, and global interrupt masking
ADSP-2181
ADSP-21xx processor with ADSP-2171
features plus 80K bytes of on-chip RAM
configured as 16K words of program
memory and 16K words of data memory.
Refer to the individual data sheet of each of these processors for
further information.
GENERAL DESCRIPTION
The ADSP-2100 Family processors are single-chip micro-
computers optimized for digital signal processing (DSP)
and other high speed numeric processing applications. The
ADSP-21xx processors are all built upon a common core. Each
processor combines the core DSP architecture—computation
units, data address generators, and program sequencer—with
differentiating features such as on-chip program and data
memory RAM, a programmable timer, one or two serial ports,
and, on the ADSP-2111, a host interface port.
EXTERNAL
ADDRESS
BUS
DATA
MEMORY
PROGRAM
MEMORY
EXTERNAL
DATA
BUS
ADSP-2100 CORE
ARITHMETIC UNITS
SHIFTER
MAC
ALU
MEMORY
SERIAL PORTS
SPORT 0
SPORT 1
HOST
INTERFACE
PORT
(ADSP-2111)
FLAGS
(ADSP-2111)
DATA ADDRESS
GENERATORS
DAG 1
DAG 2
PROGRAM
SEQUENCER
PROGRAM MEMORY ADDRESS
DATA MEMORY ADDRESS
PROGRAM MEMORY DATA
DATA MEMORY DATA
TIMER
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703


Similar Part No. - ADSP-2111KS-66

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2111KS-66 AD-ADSP-2111KS-66 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2111KS-66 AD-ADSP-2111KS-66 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2111KS-66 AD-ADSP-2111KS-66 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2111KS-66 AD-ADSP-2111KS-66 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Similar Description - ADSP-2111KS-66

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX1111 AD-ADSP-21XX1111 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX4444 AD-ADSP-21XX4444 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADDS-21XX-TOOLS AD-ADDS-21XX-TOOLS Datasheet
121Kb / 16P
   ADSP-2100 Family Development Tools
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com