Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITO-220AB Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # ITO-220AB
Description  Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

ITO-220AB Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  ITO-220AB Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. ITO-220AB Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. ITO-220AB Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MBR15HxxCT, MBRF15HxxCT & MBRB15HxxCT Series
www.kersemi.com
3
1
10
100
25
50
75
100
125
150
175
Fig. 3 – Typical Instantaneous
Forward Characteristics Per Leg
Fig. 5 – Typical Junction
Capacitance Per Leg
Fig. 6 – Typical Transient
Thermal Impedance Per Leg
Number of Cycles at 60 HZ
Reverse Voltage (V)
0
5
10
15
20
025
50
75
100
125
150
175
Fig. 1 – Forward Current
Derating Curve
Case Temperature (
°C)
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current Per Leg
0.01
0.1
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0
1
10
100
Instantaneous Forward Voltage (V)
020
60
40
100
80
0.0001
0.001
0.1
0.01
1
10
Fig. 4 – Typical Reverse
Characteristics Per Leg
Percent of Rated Peak Reverse Voltage (%)
t, Pulse Duration (sec.)
0.01
0.1
0.1
1
1.0
10
10
1
0.1
10
100
100
1000
10
1
MBR15H35CT -- MBR15H45CT
MBR15H50CT -- MBR15H60CT
MBR15H35CT -- MBR15H45CT
MBR15H50CT -- MBR15H60CT
MBR15H35CT -- MBR15H45CT
MBR15H50CT -- MBR15H60CT
TJ = 150
°C
TJ = 150
°C
TJ = 125
°C
TJ = 25
°C
TJ = 125
°C
TJ = 25
°C
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
TJ = 25
°C
f = 1.0 MHZ
Vsig = 50mVp-p
MBRF
MBR, MBRB


Similar Part No. - ITO-220AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ITO-220AB VISHAY-ITO-220AB Datasheet
126Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 27-Jul-07
logo
Kersemi Electronic Co.,...
ITO-220AB KERSEMI-ITO-220AB Datasheet
1Mb / 4P
   Guardring for overvoltage protection
logo
Shenzhen Luguang Electr...
ITO-220AB LUGUANG-ITO-220AB Datasheet
150Kb / 2P
   Isolated 10.0AMP.Schottky Barrier Rectifiers
ITO-220AB LUGUANG-ITO-220AB Datasheet
174Kb / 2P
   Super Fast Rectifiers
ITO-220AB LUGUANG-ITO-220AB Datasheet
220Kb / 2P
   Super Fast Rectifiers
More results

Similar Description - ITO-220AB

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBRF25H35CT KERSEMI-MBRF25H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBRF30H35CT KERSEMI-MBRF30H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR15H50CT KERSEMI-MBR15H50CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR16H60 KERSEMI-MBR16H60 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBRF15H35CT KERSEMI-MBRF15H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR15H60CT KERSEMI-MBR15H60CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR10H45 KERSEMI-MBR10H45 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR10H50 KERSEMI-MBR10H50 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR15H35CT KERSEMI-MBR15H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR16H50 KERSEMI-MBR16H50 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBRF25H60CT KERSEMI-MBRF25H60CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com