Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV4141AN Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # RV4141AN
Description  Low Power Ground Fault Interrupter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RV4141AN Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RV4141AN Datasheet HTML 1Page - Fairchild Semiconductor RV4141AN Datasheet HTML 2Page - Fairchild Semiconductor RV4141AN Datasheet HTML 3Page - Fairchild Semiconductor RV4141AN Datasheet HTML 4Page - Fairchild Semiconductor RV4141AN Datasheet HTML 5Page - Fairchild Semiconductor RV4141AN Datasheet HTML 6Page - Fairchild Semiconductor RV4141AN Datasheet HTML 7Page - Fairchild Semiconductor RV4141AN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RV4141A
PRODUCT SPECIFICATION
REV. 1.0.1 7/8/03
5
RSET is 1 M
Ω, RSEC is 45Ω and the VOS of the sense ampli-
fier is its maximum of 200 µV, the trip current error is
±5.6%.
The SCR anode is directly connected to a solenoid or relay
coil. It can be tripped only when its anode is more positive
than its cathode. It must have a high dV/dt rating to ensure
that line noise (generated by electrically noisy appliances)
does not falsely trigger it. Also the SCR must have a gate
drive requirement less than 200 µA. C3 is a noise filter that
prevents high frequency line pulses from triggering the SCR.
The relay solenoid used should have a response time of 3 ms
or less to meet the UL 943 timing requirement.
Sense Transformers and Cores
The sense and ground/neutral transformer cores are usually
fabricated using high permeability laminated steel rings.
Their single turn primary is created by passing the line and
neutral wires through the center of its core. The secondary is
usually from 200 to 1500 turns.
Magnetic Metals Corporation
1900 Hayes Ave.
Camden, NJ 08105
(856) 964-7842
Is a full-line suppliers of ring cores and transformers
designed specifically for GFCI and related applications.
Calculating The Values Of RSET and C2
Determine the nominal ground fault trip current requirement.
This will be typically 5 mA in North America (117V AC)
and 22 mA in the UK and Europe (220V AC). Determine the
minimum delay time required to prevent nuisance tripping.
This will typically be 1 to 2 ms. The value of C2 required to
provide the desired delay time is:
C2 = 6 x T
where:
C2 is in nF
T is the desired delay time in ms.
The value of RSET to meet the nominal ground fault trip cur-
rent specification is:
where:
RSET is in k
T is the time delay in ms
P is the period of the line frequency in ms
IFAULT is the desired ground fault trip current in mA RMS
N is the number of sense transformer secondary turns.
This formula assumes an ideal sense transformer is used.
The calculated value of RSET may have to be changed up to
30% to when using a non-ideal transformer.
R
SET
4.6
N
×
I
FAULT
COS 180
×
TP
()
---------------------------------------------------------------
=
Figure 1. GFI Application Circuit
Mov
Line
Sense Transformer
1:1000
5 Ring Steel Core
Phase
Neutral
RTEST
Press to
Test
Grounded Neutral
1:200
Normally Closed
Latching Contacts
Load
Fault
Resistance
Not Part of
Application
RV4141A
Solenoid
RB
20K
RN
0.4
RG
1.6
RLINE
24K
1W
Q1
TAG
X0103DA
C3
10 nF
C2
12 nF
CF
1
µF 35V
C4
1000 pF
C1
10 nF
RSET
1.1 Meg
RIN
470
+
1
2
3
4
8
7
6
5
GFCI
Note:
1. Portions of this schematic are subject to U.S. patents 3,878,435 and Re. 30,678.
15K
65-4141A-03
1N4004


Similar Part No. - RV4141AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
RV4141AN ONSEMI-RV4141AN Datasheet
487Kb / 11P
   Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
logo
Fairchild Semiconductor
RV4141AN FAIRCHILD-RV4141AN_11 Datasheet
503Kb / 9P
   Low-Power, Ground-Fault Interrupter
More results

Similar Description - RV4141AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_11 Datasheet
503Kb / 9P
   Low-Power, Ground-Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A_16 Datasheet
440Kb / 7P
   Low Power Ground Fault Interrupter
IL4145A IKSEMICON-IL4145A Datasheet
267Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A Datasheet
367Kb / 11P
   Low Power Ground Fault Interrupter
RV4145A FAIRCHILD-RV4145A_04 Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Unisonic Technologies
GV4145A UTC-GV4145A_15 Datasheet
303Kb / 7P
   LOW POWER GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_05 Datasheet
67Kb / 7P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4141A ONSEMI-RV4141A Datasheet
487Kb / 11P
   Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
logo
Integral Corp.
IL4145A INTEGRAL-IL4145A Datasheet
265Kb / 7P
   Low Power Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com