Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2A Datasheet(PDF) 1 Page - Formosa MS

Part # RS2A
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

RS2A Datasheet(HTML) 1 Page - Formosa MS

  RS2A Datasheet HTML 1Page - Formosa MS RS2A Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
012356070128
17093 8 7593150  00 5
9
0

 !"#
$%$&#
'()
*
+,"$-
5./0
12
3"#
$%4&#
')
%$5("#
$%4
',#
%&%467
8
39
:;<5
6%)
="$<>
?@2
.0
A
B"#
"4,'C$$%C")
%(+')
="$%%C$
8@D1A
0
1E?@0
A
0
@1 C-
F0
EGA

<H
<<;"IC+%5<H
JKL4
'!(
9=%&#
'()
*
+&'+M'L%+'4
4
*
%(NC$%4
O4
*
)
%4
(8',"4
')
"4
-
P#
'!!',*
#
*
)
-#
'((*
Q
*
+')
*
"CRS
<
P"4(I4
Q
'+%!"IC)
%$'&&#
*
+')
*
"C(
P'()(O*
)
+=*
CLQ
"4=*
L=%Q
Q
*
+*
%C+-
8"O4
%T%4
(%#
%'M'L%
UI*
#
)

*
C()
4
'*
C4
%#
*
%Q
5
*
$%'#Q
"4'I)
"!')
%$&#
'+%!%C)
V*
L=Q
"4
O'4
$(I4
L%+I4
4
%C)+'&',*
#
*
)
-
V*
L=)
%!&%4
')
I4
%("#
$%4
*
CLLI'4
'C)
%%$
;<W
<(%+"C$('))
%4
!*
C'#
(
9 3570 1
8 63
3XY353
@A
Z
H
[%T%4
(%4
%+"T%4
-+"C$*
)
*
"C7
P
\<H
; 5
7
[
\H
< 5
7
4
4
\<H
;
H
6%'(I4
%$')6V]'C$'&&#
*
%$4
%T%4
(%T"#
)
'L%"QH
<SH
H
83^
878035
_13Y X 50
3X63035 0
15
1
S893
S893
S893
`abcde`
7
51
!&(
!&(
S"#
)
(
S008
S081
SY
7
f
3g
7
918
S9
H
<
;<H
<
H
J
&%4
')
*
CLh
IC+)
*
"C'C$()
"4
'L%)
%!&%4
')
I4
%4
'CL%
6'i*
!I!4
%&%)
*
)
*
T%&%'M4
%T%4
(%T"#
)
'L%
6'i*
!I![63T"#
)
'L%
6'i*
!I!,#
"+M*
CLT"#
)
'L%
6'i*
!I!'T%4
'L%Q
"4
O'4
$4
%+)
*
Q
*
%$+I4
4
%C)
')9X\R<
j%'MQ
"4
O'4
$(I4
L%+I4
4
%C)
KH
J!((*
CL#
%='#
Q(*
C%
O'T%(I&%4
*
!&"(%$"C
4
')
%$#
"'$k
6%)
="$l
6'i*
!I!*
C()
'C)
'C%"I(Q
"4
O'4
$T"#
)
'L%')H
<
6'i*
!I!4
%T%4
(%+I4
4
%C) 93\;
')4
')
%$,#
"+M*
CLT"#
)
'L%
93\<<
7
0
;H
<
;<H
<
[mn3
n
9n5915_
<H
<
;<H
<

>;)
"o;<
&P

p
9-&*
+'#)
=%4
!'#4
%(*
()
'C+%k
q9Jl
W
r
9-&*
+'#h
IC+)
*
"C+'&'+*
)
'C+%k
q9l
6'i*
!I!4
%T%4
(%4
%+"T%4
-)
*
!% k
q9l
)
..
;<
;<
;<<
C(
0123 012s 012Y 012_ 012n 012t 0128
[')
*
CL(');'!,*
%C))
%!&%4
')
I4
%IC#
%((")
=%4
O*
(%(&%+*
Q
*
%$H
3*
CL#
%&='(%='#
Q

O'T%><V]5
4
%(*
()
*
T%"4*
C$I+)
*
T%#
"'$5
Q
"4+'&'+*
)
*
T%#
"'$+I4
4
%C)$%4
')
%,-<uH
;<
J;
;<
<<
:<
<<
<<
<
<<
<<
K<
<<
><<
<
><<
K<<
;><
K<<
<<<
:<<
<<<
JH
jH
H
UH!"IC)
%$O*
)
=<H
i<H
vk
<i<!!l+"&&%4&'$'4
%'(
wxyxz{x}~
€
‚xƒ„…‡
ˆ‰……Šˆ‹
‡
Œ ~zŽz‘zzx’€ƒ“”
…•–—˜™
˜Œ
š›œ›žŸ¡¢
£¤¥¦¨
ª«¬­®¦¯°±
ª
±
²²­¦³ª¤°
¦
´¦µ¶
²¦³ª¤°
¦ ´¦µ¶
²¶
«¯
£¤¥¦·
¸°
°
¹º
»
»
¼¼¼·
½
«¾®«²¤®²·
¬«®»
¿ÀÁº
ÂÂÃÄÅÄÅÅÃÆÃÃè
ÇÈɺ
ÂÂÃÄÅÄÅÅÃÆèʨ
ªËÄÅÅÅÃÊÌ
ÅÍÍ»
ÍÅ»
¨Í
Åͨͻ
Íλ
¨Í
Ï
Å
ÐÑ
–˜ÒŒÑ
ˆÒŒÑ
ÒÑ
ÒÓԘŒÕÒÖ×
–Ñ
‹
‹
Ñ
–˜‡
˜™
ί
…”
…Ù‰×
“”
“…Ø
…”
…ÚÛ×
۔
مØ
…”
ÛÙÜ×ݔ
‰„Ø
…”
ۉ…×ݔ
…„Ø
…”
ۄ„×
ܔ
ÞÝØ
…”
Û܅×
ܔ
܅Ø
ß
Y à
2áâ33
…”
…‰…×
۔
„“Ø
…”
…Ü…×
…”
ډØ
…”
““…ׄ”
„ÞØ
…”
“…„ׄ”
“ÛØ
…”
…Û“×
…”
܅„Ø
…”
……‰×
…”
ۄ“Ø
…”
……Ùׅ”
“…ÜØã•ä”
…”
…Þ‰×
“”
݄Ø
…”
…ÙÛ×
“”
…„Ø
18s
深圳FMS
Kinter
131
6803
0058


Similar Part No. - RS2A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
RS2A YFWDIODE-RS2A Datasheet
97Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
RS2A SSE-RS2A Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
UN Semiconducctor INC
RS2A UNSEMI-RS2A Datasheet
2Mb / 4P
   Surface Mount Fast Recovery Rectifiers
Revision March 1,2022
logo
Guangdong Juxing Electr...
RS2A JUXING-RS2A Datasheet
993Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
MIC GROUP RECTIFIERS
RS2A MIC-RS2A Datasheet
53Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
More results

Similar Description - RS2A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR1A SY-FR1A Datasheet
234Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
RS1A SHUNYE-RS1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR1A SHUNYE-FR1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com