Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5818 Datasheet(PDF) 1 Page - Formosa MS

Part # SM5818
Description  1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SM5818 Datasheet(HTML) 1 Page - Formosa MS

  SM5818 Datasheet HTML 1Page - Formosa MS SM5818 Datasheet HTML 2Page - Formosa MS SM5818 Datasheet HTML 3Page - Formosa MS SM5818 Datasheet HTML 4Page - Formosa MS SM5818 Datasheet HTML 5Page - Formosa MS SM5818 Datasheet HTML 6Page - Formosa MS SM5818 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
12346
789 4 
7

472
4
4
472
4 4

8
1234
766


6
66
6
6


 !"#%&'( !")
*+,-/0123
3
4567889
:8;:03
9
<
9
:8
=>?@>AB
6




C
D
D
D
E



FG
AH
I


































































































129J2348
K

4














































































L42
M4

























































































N2O
M2

3












































































2

32 9P2M29
4M


99M4























































1

3
Q
8M 2

8 










































































N2MJ
3


























































































334
48K
4MR2K
2S8





























































129J
3
Q
8M 2

8 









































































44KR29J
3



















































































334
4
P4M 2KRM8Q

K
4Q
8M8K
4M
3RM8944




























T
3PM4K

2U
K

S
492R2U
K


4


























































N49P2 
92K2
2














































































P
RV


WWW
Q
8M 82 
98 
XYIV
Z6
L[\V
Z6D6
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SM5818

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM5818 RECTRON-SM5818 Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
logo
MIC GROUP RECTIFIERS
SM5818 MIC-SM5818 Datasheet
59Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SM5818 CHENDA-SM5818 Datasheet
615Kb / 2P
   SCHOTTKY
logo
Bytes
SM5818 BYTES-SM5818 Datasheet
147Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SM5818 SEMTECH_ELEC-SM5818 Datasheet
115Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM5818

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
E-CMOS Corporation
ECCSR120 E-CMOS-ECCSR120 Datasheet
307Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
SS12 PACELEADER-SS12 Datasheet
550Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM120-S PACELEADER-PFM120-S Datasheet
422Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
logo
Formosa MS
LFM220-L FORMOSA-LFM220-L Datasheet
163Kb / 7P
   2.0A Surface Mount Schottky Barrier Rectifiers-20V-40V
logo
Weitron Technology
SL22M WEITRON-SL22M Datasheet
97Kb / 3P
   2.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
PACELEADER INDUSTRIAL
SL52-A PACELEADER-SL52-A Datasheet
863Kb / 5P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS-20V~40V
logo
First Silicon Co., Ltd
SL12 FS-SL12 Datasheet
136Kb / 3P
   VOLTAGE 20V ~ 40V 1.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Formosa MS
SL32-AL FORMOSA-SL32-AL_13 Datasheet
166Kb / 7P
   3.0A Low VF Surface Mount Schottky Barrier Rectifiers-20V-40V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com