Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL33-AL Datasheet(PDF) 6 Page - Formosa MS

Part # SL33-AL
Description  3.0A Low VF Surface Mount Schottky Barrier Rectifiers-20V-40V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL33-AL Datasheet(HTML) 6 Page - Formosa MS

  SL33-AL Datasheet HTML 1Page - Formosa MS SL33-AL Datasheet HTML 2Page - Formosa MS SL33-AL Datasheet HTML 3Page - Formosa MS SL33-AL Datasheet HTML 4Page - Formosa MS SL33-AL Datasheet HTML 5Page - Formosa MS SL33-AL Datasheet HTML 6Page - Formosa MS SL33-AL Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
01235
7898 



 !!
"!#"

$

"!
%&
&
'(
)
)
***+
,
-./-01/0+
1-/)
234(
55567677585559
:;<(
555676775859=9
>?@AB>CDEF>?GAB>
H-1I/3J&K
H
K
00I3LH1&
3
M3NO
03LH1&
3 M3NO
0O
-J
0123+
EPPQR STU
VW
EPPQR STU
VW
XY;64
0;Z[;\3
M334XK
]3
M334
Z^Y0^_3_2
X0;ZK
_\
`^<
K
__3M
`^<
M334
HK
;a
Z;M2^_
XK
]3
Z;M2^_
;00M^<+
\M^XXb3K
\c2
de2f
d'10f
d/)
/f
d/)
/f
d/)
/f
d'10f
d/)
/f
d'10f
XY;64
gh
7a
iii
=+
i
7ia
iii 95jk9gik95j
9g5
j57kjl5kj5g
95ia
iii
9l+
l
9jh
ga
lii
=+
i
9la
iii jjgkjjgkjg
jji
jlikjjikj5i
97ia
iii
9=+
7
9+
X&
-.1233JNO
.-J/3J&
(23/'3.1&
I.3ml n=i cI/O
LO
&
omllpq7lp
7+
M3,
r
-*0-r
L3.O
J2-,0I.,
1136/-IJ&L3NO
130
-
-
Z
Z
XI2230&
3L&
%3./1r'.-,
O
r
30,
-.0-r
L3.O
J2'.-130030
0.-,
O
r
3:31&
I.3
X-r
L3.O
J2Z-JLO
&
O
-J
;N3.123.1/'6I'.1&
3d24&
-20f
sj )
031
0.3%31&
-
623/'3.1&
I.3YO
Jd20/O
Jf
9liZ
-
623/'3.1&
I.3Y1td20/1tf
7iiZ
62O
/3d/O
J&
-/1tfd&
0
f
5in97i031
20/1t&
-24
-
6M1/'6I'M1&
3
sjZ)
031
2O
/3/1O
J&
1O
J3L1u-N3(
-
623/'3.1&
I.3d24f
79gZ
62O
/3d&
4
f
5in75i031
-
-
031e23/'3.1&
I.3d20f
7llZ6i)
vlZ
-
2O
/3*O
&
%O
JlZ-,11&
I1r031e
23/'3.1&
I.3d&
0
f
-
M1/'6L-*JM1&
3
s5Z)
031
-
2O
/37lZ&
-031e23/'3.1&
I.3
s5/O
JI&
30
-Z
9inji031
j+
M3,
r
-*0-r
L3.O
J2
8
w
@xyw
8zP T
HX697959{
7ii5)
i7)
9i
7i9i)
ij)
9i
3
g
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SL33-AL

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SL33-AL FORMOSA-SL33-AL Datasheet
69Kb / 2P
   Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - SL33-AL

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
SKM32-AS SKTECHNOLGY-SKM32-AS Datasheet
744Kb / 3P
   3.0A Low VF Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
PACELEADER INDUSTRIAL
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
logo
WILLAS ELECTRONIC CORP
SL32-L WILLAS-SL32-L Datasheet
488Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMC-L PACKAGE
SL32-AL WILLAS-SL32-AL Datasheet
501Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-L PACKAGE
SL32-BL WILLAS-SL32-BL Datasheet
509Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMB-L PACKAGE
logo
First Silicon Co., Ltd
SL22 FS-SL22 Datasheet
188Kb / 3P
   VOLTAGE 20V ~ 40V 2.0AMP Surface Mount Low VF Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SL32-L PACELEADER-SL32-L Datasheet
598Kb / 4P
   3.0A LOW V F SCHOTTKY BARRIER RECTIFIERS-20V-40V
PFM320-AS PACELEADER-PFM320-AS Datasheet
485Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM320-MT PACELEADER-PFM320-MT Datasheet
388Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
logo
Frontier Electronics.
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
   1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com