Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7194 Datasheet(PDF) 36 Page - Analog Devices

Part # ADV7194
Description  Professional Extended-10 Video Encoder with 54 MHz Oversampling
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7194 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADV7194 Datasheet HTML 32Page - Analog Devices ADV7194 Datasheet HTML 33Page - Analog Devices ADV7194 Datasheet HTML 34Page - Analog Devices ADV7194 Datasheet HTML 35Page - Analog Devices ADV7194 Datasheet HTML 36Page - Analog Devices ADV7194 Datasheet HTML 37Page - Analog Devices ADV7194 Datasheet HTML 38Page - Analog Devices ADV7194 Datasheet HTML 39Page - Analog Devices ADV7194 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
ADV7194
–36–
REV. A
Chroma Delay Control (MR95–MR97)
The Chroma signal can be delayed by up to eight clock cycles
at 27 MHz using MR94–95. For further information see also
the Chroma/Luma Delay section.
TIMING REGISTER 0 (TR07–TR00)
(Address (SR4–SR0) = 0AH)
Figure 66 shows the various operations under the control of
Timing Register 0. This register can be read from as well as
written to.
TR0 BIT DESCRIPTION
Master/Slave Control (TR00)
This bit controls whether the ADV7194 is in master or slave mode.
Timing Mode Selection (TR01–TR02)
These bits control the timing mode of the ADV7194. These
modes are described in more detail in the Timing and Con-
trol section of the data sheet.
BLANK Input Control (TR03)
This bit controls whether the
BLANK input is used to accept
blank signals or whether blank signals are internally generated.
Note: When this input pin is tied high (to 5 V), the input is dis-
abled regardless of the register setting. It, therefore, should be
tied low (to Ground) to allow control over the I
2C register.
Luma Delay (TR04–TR05)
The luma signal can be delayed by up to 222 ns (or six clock
cycles at 27 MHz) using TR04–05. For further information see
Chroma/Luma Delay section.
Min Luminance Value (TR06)
This bit is used to control the minimum luma output value
by the ADV7194. When this bit is set to a Logic 1, the luma is
limited to 7IRE below the blank level. When this bit is set to (0),
the luma value can be as low as the sync bottom level.
Timing Register Reset (TR07)
Toggling TR07 from low to high and low again resets the inter-
nal timing counters. This bit should be toggled after power-up,
reset or changing to a new timing mode.
TIMING REGISTER 1
(TR17–TR10)
(Address (SR4–SR0) = 0BH)
Timing Register 1 is an 8-bit-wide register.
Figure 67 shows the various operations under the control of
Timing Register 1. This register can be read from as well written
to. This register can be used to adjust the width and position of
the master mode timing signals.
TR1 BIT DESCRIPTION
HSYNC Width (TR10–TR11)
These bits adjust the
HSYNC pulsewidth.
TPCLK = one clock cycle at 27 MHz.
HSYNC to VSYNC Delay Control (TR13–TR12)
These bits adjust the position of the
HSYNC output relative to
the VSYNC output.
TPCLK = one clock cycle at 27 MHz.
HSYNC to VSYNC Rising Edge Control (TR14–TR15)
When the ADV7194 is in Timing Mode 1, these bits adjust the
position of the
HSYNC output relative to the VSYNC output ris-
ing edge.
TPCLK = one clock cycle at 27 MHz.
VSYNC Width (TR14–TR15)
When the ADV7194 is configured in Timing Mode 2, these bits
adjust the
VSYNC pulsewidth.
TPCLK = one clock cycle at 27 MHz.
HSYNC to Pixel Data Adjust (TR16–TR17)
This enables the
HSYNC to be adjusted with respect to the
pixel data. This allows the Cr and Cb components to be swapped.
This adjustment is available in both master and slave timing
modes.
TPCLK = one clock cycle at 27 MHz.
MR97
MR96
MR95
MR94
MR93
MR92
MR91
MR90
ZERO MUST
BE WRITTEN
TO THESE BITS
MR97 MR96
CHROMA
DELAY CONTROL
MR95 MR94
0
0
0ns DELAY
0
1
148ns DELAY
1
0
296ns DELAY
1
1
RESERVED
UNDERSHOOT
LIMITER
MR91 MR90
0
0
DISABLED
01
–11 IRE
10
–6 IRE
11
–1.5 IRE
0
DISABLE
1
ENABLE
MR93
BLACK BURST
LUMA DAC
0
DISABLE
1
ENABLE
MR92
BLACK BURST
Y-DAC
Figure 65. Mode Register 9, MR9
TR07
TR06
TR05
TR04
TR03
TR02
TR01
TR00
0
LUMA MIN =
SYNC BOTTOM
1
LUMA MIN =
BLANK –7.5 IRE
TR06
MIN LUMINANCE VALUE
0
ENABLE
1
DISABLE
TR03
BLANK INPUT
CONTROL
TIMING
REGISTER RESET
TR07
0
SLAVE TIMING
1
MASTER TIMING
TR00
MASTER / SLAVE
CONTROL
LUMA DELAY
TR05 TR04
0
0
0ns DELAY
0
1
74ns DELAY
1
0
148ns DELAY
1
1
222ns DELAY
TR02 TR01
0
0
MODE 0
0
1
MODE 1
1
0
MODE 2
1
1
MODE 3
TIMING MODE
SELECTION
Figure 66. Timing Register 0


Similar Part No. - ADV7194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7194 AD-ADV7194 Datasheet
647Kb / 69P
   Professional Extended-10??Video Encoder with 54 MHz Oversampling
REV. 0
ADV7194KST AD-ADV7194KST Datasheet
647Kb / 69P
   Professional Extended-10??Video Encoder with 54 MHz Oversampling
REV. 0
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
More results

Similar Description - ADV7194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7194 AD-ADV7194 Datasheet
647Kb / 69P
   Professional Extended-10??Video Encoder with 54 MHz Oversampling
REV. 0
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
logo
Faraday Technology
FL676 FARADAY-FL676 Datasheet
61Kb / 2P
   Video Oversampling Filters
logo
Analog Devices
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180 AD-ADV7180_15 Datasheet
2Mb / 114P
   10-Bit, 4 Oversampling SDTV Video Decoder
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com