Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2103 Datasheet(PDF) 50 Page - Analog Devices

Part # ADSP-2103
Description  ADSP-2100 Family DSP Microcomputers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2103 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADSP-2103 Datasheet HTML 46Page - Analog Devices ADSP-2103 Datasheet HTML 47Page - Analog Devices ADSP-2103 Datasheet HTML 48Page - Analog Devices ADSP-2103 Datasheet HTML 49Page - Analog Devices ADSP-2103 Datasheet HTML 50Page - Analog Devices ADSP-2103 Datasheet HTML 51Page - Analog Devices ADSP-2103 Datasheet HTML 52Page - Analog Devices ADSP-2103 Datasheet HTML 53Page - Analog Devices ADSP-2103 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
ADSP-21xx
–50–
REV. B
TIMING PARAMETERS (ADSP-2103/2162/2164)
SERIAL PORTS
Frequency
10.24 MHz
Dependency
Parameter
Min
Max
Min
Max
Unit
Timing Requirement:
tSCK
SCLK Period
97.6
tCK
ns
tSCS
DR/TFS/RFS Setup before SCLK Low
8
ns
tSCH
DR/TFS/RFS Hold after SCLK Low
10
ns
tSCP
SCLKin Width
28
ns
Switching Characteristic:
tCC
CLKOUT High to SCLKout
24.4
39.4
0.25tCK
0.25tCK + 15
ns
tSCDE
SCLK High to DT Enable
0
ns
tSCDV
SCLK High to DT Valid
28
ns
tRH
TFS/RFSout Hold after SCLK High
0
ns
tRD
TFS/RFSout Delay from SCLK High
28
ns
tSCDH
DT Hold after SCLK High
0
ns
tTDE
TFS (alt) to DT Enable
0
ns
tTDV
TFS (alt) to DT Valid
18
ns
tSCDD
SCLK High to DT Disable
30
ns
tRDV
RFS (Multichannel, Frame Delay Zero)
20
ns
to DT Valid
CLKOUT
SCLK
TFS
RFS
DR
RFSIN
TFSIN
DT
( ALTERNATE
FRAME MODE )
t
CC
t
CC
t
SCK
t
SCP
t
SCP
t
SCS
t
SCH
t
RD
t
RH
RFSOUT
TFSOUT
t
SCDV
t
SCDE
t
SCDH
t
SCDD
t
TDE
t
TDV
t
RDV
( MULTICHANNEL MODE,
FRAME DELAY 0 {MFD = 0} )
Figure 44. Serial Ports


Similar Part No. - ADSP-2103

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2103 AD-ADSP-2103 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103BP-40 AD-ADSP-2103BP-40 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Similar Description - ADSP-2103

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX1111 AD-ADSP-21XX1111 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX4444 AD-ADSP-21XX4444 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADDS-21XX-TOOLS AD-ADDS-21XX-TOOLS Datasheet
121Kb / 16P
   ADSP-2100 Family Development Tools
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com