Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8544ARZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8544ARZ-REEL7
Description  CMOS Rail-to-Rail General-Purpose ifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8544ARZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8544ARZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8544ARZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8544ARZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8544ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8544ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8544ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8544ARZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8544ARZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8544ARZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8541/AD8542/AD8544
Rev. G | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSET VOLTAGE (mV)
–4.5
–3.5
4.5
–2.5
–1.5
–0.5
0.5
180
160
0
80
60
40
20
140
100
120
1.5
2.5
3.5
VS =5V
VCM =2.5V
TA = 25°C
Figure 5. Input Offset Voltage Distribution
1.0
–2.5
–4.0
–55
–35
–15
0.5
–2.0
–3.0
–3.5
–1.0
–1.5
0
–0.5
145
5
254565
85
105
125
TEMPERATURE (°C)
VS = 2.7V AND 5V
VCM = VS/2
Figure 6. Input Offset Voltage vs. Temperature
COMMON-MODE VOLTAGE (V)
9
8
0
4
3
2
1
7
5
6
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
VS = 2.7V AND 5V
VCM = VS/2
Figure 7. Input Bias Current vs. Common-Mode Voltage
TEMPERATURE (°C)
400
0
350
200
150
100
50
300
250
–40
–20
0
20
40
60
80
100
120
140
VS = 2.7V AND 5V
VCM = VS/2
Figure 8. Input Bias Current vs. Temperature
TEMPERATURE (°C)
7
–1
6
3
2
1
0
5
4
VS = 2.7V AND 5V
VCM = VS/2
–55
–35
–15
5
25
45
65
85
105
125
145
Figure 9. Input Offset Current vs. Temperature
FREQUENCY (Hz)
160
140
–40
120
100
80
60
40
20
0
–20
100
1k
10k
100k
1M
10M
+PSRR
–PSRR
VS = 2.7V
TA = 25°C
Figure 10. Power Supply Rejection vs. Frequency


Similar Part No. - AD8544ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8544ARZ-REEL7 AD-AD8544ARZ-REEL7 Datasheet
232Kb / 16P
   General Purpose CMOS Rail-to-Rail Amplifiers
REV. D
AD8544ARZ-REEL7 AD-AD8544ARZ-REEL7 Datasheet
430Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. E
AD8544ARZ-REEL7 AD-AD8544ARZ-REEL7 Datasheet
443Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
More results

Similar Description - AD8544ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8541 AD-AD8541 Datasheet
232Kb / 16P
   General Purpose CMOS Rail-to-Rail Amplifiers
REV. D
AD8542 AD-AD8542_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8541 AD-AD8541_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8541 AD-AD8541_07 Datasheet
430Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. E
AD8541 AD-AD8541_08 Datasheet
443Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8544 AD-AD8544_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
logo
TECH PUBLIC Electronics...
LMV321IDBVR TECHPUBLIC-LMV321IDBVR Datasheet
3Mb / 6P
   CMOS, Rail to Rail General-Purpose Amplifiers
2018.1.15
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
CLC1020 EXAR-CLC1020 Datasheet
2Mb / 14P
   General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com