Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8542ARM-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD8542ARM-REEL
Description  CMOS Rail-to-Rail General-Purpose ifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8542ARM-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8542ARM-REEL Datasheet HTML 4Page - Analog Devices AD8542ARM-REEL Datasheet HTML 5Page - Analog Devices AD8542ARM-REEL Datasheet HTML 6Page - Analog Devices AD8542ARM-REEL Datasheet HTML 7Page - Analog Devices AD8542ARM-REEL Datasheet HTML 8Page - Analog Devices AD8542ARM-REEL Datasheet HTML 9Page - Analog Devices AD8542ARM-REEL Datasheet HTML 10Page - Analog Devices AD8542ARM-REEL Datasheet HTML 11Page - Analog Devices AD8542ARM-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8541/AD8542/AD8544
Rev. G | Page 8 of 20
LOAD CURRENT (mA)
10k
100
0.01
1
0.1
10
1k
0.001
0.01
0.1
1
10
100
VS = 2.7V
TA = 25°C
SOURCE
SINK
Figure 11. Output Voltage to Supply Rail vs. Load Current
3.0
2.5
0
2.0
1.5
0.5
1.0
FREQUENCY (Hz)
1k
10k
100k
1M
10M
VS = 2.7V
VIN = 2.5V p-p
RL = 2kΩ
TA = 25°C
Figure 12. Closed-Loop Output Voltage Swing vs. Frequency
CAPACITANCE (pF)
60
0
30
20
10
40
50
10
100
1k
10k
+OS
–OS
VS = 2.7V
RL =
TA = 25°C
Figure 13. Small Signal Overshoot vs. Load Capacitance
60
0
30
20
10
40
50
CAPACITANCE (pF)
10
100
1k
10k
+OS
–OS
VS = 2.7V
RL = 10kΩ
TA = 25°C
Figure 14. Small Signal Overshoot vs. Load Capacitance
60
0
30
20
10
40
50
CAPACITANCE (pF)
10
100
1k
10k
+OS
–OS
VS = 2.7V
RL = 2kΩ
TA = 25°C
Figure 15. Small Signal Overshoot vs. Load Capacitance
1.35V
50mV
10µs
VS = 2.7V
RL = 100kΩ
CL = 300pF
AV = 1
TA = 25°C
Figure 16. Small Signal Transient Response


Similar Part No. - AD8542ARM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8542ARM-REEL AD-AD8542ARM-REEL Datasheet
232Kb / 16P
   General Purpose CMOS Rail-to-Rail Amplifiers
REV. D
AD8542ARM-REEL AD-AD8542ARM-REEL Datasheet
430Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. E
AD8542ARM-REEL AD-AD8542ARM-REEL Datasheet
443Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
More results

Similar Description - AD8542ARM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8541 AD-AD8541 Datasheet
232Kb / 16P
   General Purpose CMOS Rail-to-Rail Amplifiers
REV. D
AD8542 AD-AD8542_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8541 AD-AD8541_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8541 AD-AD8541_07 Datasheet
430Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. E
AD8541 AD-AD8541_08 Datasheet
443Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8544 AD-AD8544_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
logo
TECH PUBLIC Electronics...
LMV321IDBVR TECHPUBLIC-LMV321IDBVR Datasheet
3Mb / 6P
   CMOS, Rail to Rail General-Purpose Amplifiers
2018.1.15
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
CLC1020 EXAR-CLC1020 Datasheet
2Mb / 14P
   General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com