Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7665ACPZRL Datasheet(PDF) 10 Page - Analog Devices

Part # AD7665ACPZRL
Description  16-Bit, 570 kSPS CMOS ADC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7665ACPZRL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7665ACPZRL Datasheet HTML 6Page - Analog Devices AD7665ACPZRL Datasheet HTML 7Page - Analog Devices AD7665ACPZRL Datasheet HTML 8Page - Analog Devices AD7665ACPZRL Datasheet HTML 9Page - Analog Devices AD7665ACPZRL Datasheet HTML 10Page - Analog Devices AD7665ACPZRL Datasheet HTML 11Page - Analog Devices AD7665ACPZRL Datasheet HTML 12Page - Analog Devices AD7665ACPZRL Datasheet HTML 13Page - Analog Devices AD7665ACPZRL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
REV.
AD7665
–10–
–0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
57
114
171
228
285
FREQUENCY – kHz
4096 POINT FFT
FS = 571kHz
fIN = 45kHz, –0.5dB
SNR = 90.1 dB
SINAD = 89.7dB
THD = –100.1dB
SFDR = 102.3dB
TPC 7. FFT Plot
100
95
90
85
80
75
70
1
10
100
1000
16.0
15.5
15.0
14.5
14.0
13.5
13.0
FREQUENCY – kHz
SNR
SINAD
ENOB
TPC 8. SNR, S/(N+D), and ENOB vs. Frequency
92
90
88
86
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT LEVEL – dB
TPC 9. SNR vs. Input Level
96
93
90
87
84
–98
–100
–102
–104
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE – C
THD
SNR
TPC 10. SNR, THD vs. Temperature
THD
SECOND HARMONIC
THIRD HARMONIC
SFDR
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
110
105
100
95
90
85
80
75
70
65
60
1
10
100
1000
FREQUENCY – kHz
TPC 11. THD, Harmonics, and SFDR vs. Frequency
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–60
–50
–40
–30
–20
–10
0
INPUT LEVEL – dB
THD
THIRD HARMONIC
SECOND HARMONIC
TPC 12. THD, Harmonics vs. Input Level
C


Similar Part No. - AD7665ACPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7665ACPZRL AD-AD7665ACPZRL Datasheet
413Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
More results

Similar Description - AD7665ACPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
AD7665 AD-AD7665 Datasheet
348Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7664 AD-AD7664 Datasheet
392Kb / 19P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7650 AD-AD7650 Datasheet
265Kb / 21P
   16-Bit, 570 kSPS Low Cost CMOS ADC
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7650 AD-AD7650_15 Datasheet
228Kb / 20P
   16-Bit, 570 kSPS Low Cost CMOS ADC
REV. 0
AD7664 AD-AD7664_15 Datasheet
386Kb / 24P
   16-Bit, 570 kSPS
REV. E
AD7660 AD-AD7660 Datasheet
218Kb / 20P
   16-Bit, 100 kSPS CMOS ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com