Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7873 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7873
Description  Touch Screen Digitizer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873 Datasheet(HTML) 5 Page - Analog Devices

  AD7873 Datasheet HTML 1Page - Analog Devices AD7873 Datasheet HTML 2Page - Analog Devices AD7873 Datasheet HTML 3Page - Analog Devices AD7873 Datasheet HTML 4Page - Analog Devices AD7873 Datasheet HTML 5Page - Analog Devices AD7873 Datasheet HTML 6Page - Analog Devices AD7873 Datasheet HTML 7Page - Analog Devices AD7873 Datasheet HTML 8Page - Analog Devices AD7873 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD7873
Data Sheet
Rev. F | Page 4 of 28
Parameter
AD7873A1
AD7873B1
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage, VOH
VCC – 0.2
VCC – 0.2
V min
ISOURCE = 250 µA; VCC = 2.2 V to 5.25 V
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 250 µA
PENIRQ Output Low Voltage, VOL
0.4
0.4
V max
100 kΩ pull-up; ISINK = 250 µA
Floating-State Leakage Current
±10
±10
µA max
Floating-State Output Capacitance5
10
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
12
12
DCLK cycles max
Track-and-Hold Acquisition Time
3
3
DCLK cycles min
Throughput Rate
125
125
kSPS max
POWER REQUIREMENTS
+VCC (Specified Performance)
2.7/3.6
2.7/3.6
V min/max
Functional from 2.2 V to 5.25 V
ICC6
Digital I/Ps = 0 V or VCC
Normal Mode (fSAMPLE = 125 kSPS)
380
380
µA max
Internal reference off, VCC = 3.6 V, 240 µA typ
670
670
µA typ
Internal reference on, VCC = 3.6 V
Normal Mode (fSAMPLE = 12.5 kSPS)
170
170
µA typ
Internal reference off, VCC = 2.7 V, fDCLK = 200 kHz
Normal Mode (Static)
150
150
µA typ
Internal reference off, VCC = 3.6 V
580
580
µA typ
Internal reference on, VCC = 3.6 V
Shutdown Mode (Static)
1
1
µA max
200 nA typ
Power Dissipation6
Normal Mode (fSAMPLE = 125 kSPS)
1.368
1.368
mW max
Internal reference off, VCC = 3.6 V
2.412
2.412
mW typ
Internal reference on, VCC = 3.6 V
Shutdown
3.6
3.6
µW max
VCC = 3.6 V
1
Temperature range as follows: A, B Versions: –40°C to +85°C.
2
See the Terminology section.
3
Difference between TEMP0 and TEMP1 measurement. No calibration necessary.
4
Temperature drift is –2.1 mV/°C.
5
Sample tested @ 25°C to ensure compliance.
6
See the Power vs. Throughput Rate section.


Similar Part No. - AD7873

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7873 AD-AD7873 Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873 AD-AD7873 Datasheet
480Kb / 29P
   Touch Screen Digitizer
AD7873ACP AD-AD7873ACP Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7873ACPZ AD-AD7873ACPZ Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
More results

Similar Description - AD7873

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7873 AD-AD7873_17 Datasheet
480Kb / 29P
   Touch Screen Digitizer
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com