Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD812AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD812AR
Description  Dual, Current Feedback Low Power Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD812AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD812AR Datasheet HTML 7Page - Analog Devices AD812AR Datasheet HTML 8Page - Analog Devices AD812AR Datasheet HTML 9Page - Analog Devices AD812AR Datasheet HTML 10Page - Analog Devices AD812AR Datasheet HTML 11Page - Analog Devices AD812AR Datasheet HTML 12Page - Analog Devices AD812AR Datasheet HTML 13Page - Analog Devices AD812AR Datasheet HTML 14Page - Analog Devices AD812AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD812
–11–
REV. B
10
90
100
0%
50ns
2V
VIN
VOUT
2V
Figure 34. Large Signal Pulse Response, Gain = –1,
(RF = 750 Ω, RL = 150 Ω, VS = ±5 V)
–1
–6
1
10
1000
100
–2
–3
–4
–5
0
1
–270
–180
–90
0
FREQUENCY – MHz
G = –1
RL = 150
PHASE
GAIN
VS = 15V
5V
5V
3V
VS = 15V
5V
5V
3V
Figure 35. Closed-Loop Gain and Phase vs. Frequency,
Gain = –1, RL = 150 Ω
130
30
20
60
40
2
50
0
90
70
80
100
110
120
18
16
14
12
10
8
6
4
SUPPLY VOLTAGE –
Volts
G = –1
RL = 150
PEAKING
1.0dB
RF = 681
RF = 715
PEAKING
0.2dB
Figure 36. –3 dB Bandwidth vs. Supply Voltage,
Gain = –1, RL = 150
10
90
100
0%
500mV
20ns
500mV
VIN
VOUT
Figure 37. Small Signal Pulse Response, Gain = –1,
(RF = 750 Ω, RL = 150 Ω, VS = ±5 V)
–1
–6
1
10
1000
100
–2
–3
–4
–5
0
1
–270
–180
–90
0
FREQUENCY – MHz
G = –10
RL = 1k
5V
5V
3V
PHASE
VS = 15V
GAIN
5V
3V
5V
VS = 15V
Figure 38. Closed-Loop Gain and Phase vs. Frequency,
Gain = –10, RL = 1 k
100
0
20
30
10
2
20
0
60
40
50
70
80
90
18
16
14
12
10
8
6
4
SUPPLY VOLTAGE –
Volts
G = –10
RL = 1k
RF = 357
RF = 649
RF = 154
Figure 39. –3 dB Bandwidth vs. Supply Voltage,
Gain = –10, RL = 1 kΩ


Similar Part No. - AD812AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD812AR AD-AD812AR Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812AR-REEL AD-AD812AR-REEL Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812AR-REEL7 AD-AD812AR-REEL7 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
More results

Similar Description - AD812AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
logo
National Semiconductor ...
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
ON Semiconductor
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
   1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com