Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD669BR Datasheet(PDF) 6 Page - Analog Devices

Part # AD669BR
Description  Monolithic 16-Bit DACPORT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD669BR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD669BR Datasheet HTML 2Page - Analog Devices AD669BR Datasheet HTML 3Page - Analog Devices AD669BR Datasheet HTML 4Page - Analog Devices AD669BR Datasheet HTML 5Page - Analog Devices AD669BR Datasheet HTML 6Page - Analog Devices AD669BR Datasheet HTML 7Page - Analog Devices AD669BR Datasheet HTML 8Page - Analog Devices AD669BR Datasheet HTML 9Page - Analog Devices AD669BR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD669
REV. A
–6–
If it is desired to adjust the gain and offset errors to zero, this
can be accomplished using the circuit shown in Figure 3b. The
adjustment procedure is as follows:
STEP1 . . . ZERO ADJUST
Turn all bits OFF and adjust zero trimmer, R4, until the output
reads 0.000000 volts (1 LSB = 153
µV).
STEP 2 . . . GAIN ADJUST
Turn all bits ON and adjust gain trimmer, R1, until the output
is 9.999847 volts. (Full scale is adjusted to 1 LSB less than the
nominal full scale of 10.000000 volts).
OUTPUT
GND
LDAC
DB15
(MSB)
(LSB)
DB0
CS
L1
16-BIT LATCH
10k
AMP
AD669
22
7
6
5
23
27
28
10V REF
2
1
4
3
10k
10.05k
16-BIT LATCH
16-BIT DAC
26
25
24
R2
50
R3
16k
R4
10k
+15V
–15V
R1
100
–V
EE
+V
CC
+V
LL
Figure 3b. 0 V to +10 V Unipolar Voltage Output with
Gain and Offset Adjustment
BIPOLAR CONFIGURATION
The circuit shown in Figure 4a will provide a bipolar output
voltage from –10.000000 V to +9.999694 V with positive full
scale occurring with all bits ON. As in the unipolar mode, resis-
tors R1 and R2 may be eliminated altogether to provide AD669
bipolar operation without any external components. Eliminating
these resistors will increase the gain error by 0.50% of FSR in
the bipolar mode.
R1
50
OUTPUT
GND
LDAC
DB15
(MSB)
(LSB)
DB0
CS
L1
16-BIT LATCH
10k
AMP
AD669
22
7
6
5
23
27
10V REF
2
14
3
26
24
10k
10.05k
16-BIT LATCH
16-BIT DAC
25
28
R2
50
–VEE
+VCC
+VLL
Figure 4a.
±10 V Bipolar Voltage Output
Gain offset and bipolar zero errors can be adjusted to zero using
the circuit shown in Figure 4b as follows:
STEP I . . . OFFSET ADJUST
Turn OFF all bits. Adjust trimmer R2 to give –10.000000 volts
output.
STEP II . . . GAIN ADJUST
Turn all bits ON and adjust R1 to give a reading of +9.999694
volts.
STEP III . . . BIPOLAR ZERO ADJUST
(Optional) In applications where an accurate zero output is re-
quired, set the MSB ON, all other bits OFF, and readjust R2
for zero volts output.
100
R1
OUTPUT
GND
LDAC
DB15
(MSB)
(LSB)
DB0
CS
L1
16-BIT LATCH
10k
AMP
AD669
22
7
6
5
23
27
10V REF
2
1
4
3
26
24
10k
10.05k
16-BIT LATCH
16-BIT DAC
25
28
100
R2
–VEE
+VCC
+VLL
Figure 4b.
±10 V Bipolar Voltage Output with Gain and
Offset Adjustment
It should be noted that using external resistors will introduce a
small temperature drift component beyond that inherent in the
AD669. The internal resistors are trimmed to ratio-match and
temperature-track other resistors on chip, even though their ab-
solute tolerances are
±20% and absolute temperature coeffi-
cients are approximately –50 ppm/
°C. In the case that external
resistors are used, the temperature coefficient mismatch be-
tween internal and external resistors, multiplied by the sensitiv-
ity of the circuit to variations in the external resistor value, will
be the resultant additional temperature drift.
INTERNAL/EXTERNAL REFERENCE USE
The AD669 has an internal low noise buried Zener diode refer-
ence which is trimmed for absolute accuracy and temperature
coefficient. This reference is buffered and optimized for use in a
high speed DAC and will give long-term stability equal or supe-
rior to the best discrete Zener diode references. The perfor-
mance of the AD669 is specified with the internal reference
driving the DAC since all trimming and testing (especially for
gain and bipolar offset) is done in this configuration.
The internal reference has sufficient buffering to drive external
circuitry in addition to the reference currents required for the
DAC (typically 1 mA to REF IN and 1 mA to BIPOLAR OFF-
SET). A minimum of 2 mA is available for driving external
loads. The AD669 reference output should be buffered with an
external op amp if it is required to supply more than 4 mA total
current. The reference is tested and guaranteed to
±0.2% max
error. The temperature coefficient is comparable to that of the
gain TC for a particular grade.
If an external reference is used (10.000 V, for example), addi-
tional trim range should be provided, since the internal refer-
ence has a tolerance of
±20 mV, and the AD669 gain and
bipolar offset are both trimmed with the internal reference. The
optional gain and offset trim resistors in Figures 5 and 6 provide
enough adjustment range to null these errors.
It is also possible to use external references other than 10 volts
with slightly degraded linearity specifications. The recom-
mended range of reference voltages is +5 V to +10.24 V, which


Similar Part No. - AD669BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD669BR AD-AD669BR Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669BR AD-AD669BR Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669BR AD-AD669BR Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669BRZ AD-AD669BRZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
More results

Similar Description - AD669BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD669 AD-AD669_15 Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669BRZ AD-AD669BRZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669SQ AD-AD669SQ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669 AD-AD669 Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ARZ AD-AD669ARZ Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD660 AD-AD660_08 Datasheet
337Kb / 20P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. B
AD660 AD-AD660 Datasheet
426Kb / 12P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. A
AD660 AD-AD660_17 Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
AD75089 AD-AD75089 Datasheet
387Kb / 8P
   MONOLITHIC OCTAL 12-BIT DACPORT
REV. 0
AD766 AD-AD766_15 Datasheet
313Kb / 8P
   16-Bit DSP DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com