Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ5942 Datasheet(PDF) 2 Page - Formosa MS

Part # SMBJ5942
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMBJ5942 Datasheet(HTML) 2 Page - Formosa MS

  SMBJ5942 Datasheet HTML 1Page - Formosa MS SMBJ5942 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics @ 25oC Unless Otherwise Specified
ZENER
VOLTAGE
Vz
TEST
CURRENT
Izt
MAXIMUM
DYNAMIC
IMPEDANCE
Zzt@IZT
KNEE
CURRENT
IZK
KNEE
IMPEDANCE
Zzk
MAXIMUM
REVERSE
CURRENT
IR
REVERSE
VOLTAGE VR
MAXIMUM DC
CURRENT
IZM
MCC PART
NUMBER
VOLTS
mA
OHMS
mA
OHMS
uA
VOLTS
mA
SMBJ5913
3.3
113.6
10
1.0
500
100
1.0
454
SMBJ5914
3.6
104.2
9.0
1.0
500
75
1.0
416
SMBJ5915
3.9
96.1
7.5
1.0
500
25
1.0
384
SMBJ5916
4.3
87.2
6.0
1.0
500
5.0
1.0
348
SMBJ5917
4.7
79.8
5.0
1.0
500
5.0
1.5
319
SMBJ5918
5.1
73.5
4.0
1.0
350
5.0
2.0
294
SMBJ5919
5.6
66.9
2.0
1.0
250
5.0
3.0
267
SMBJ5920
6.2
60.5
2.0
1.0
200
5.0
4.0
241
SMBJ5921
6.8
55.1
2.5
1.0
200
5.0
5.2
220
SMBJ5922
7.5
50
3.0
0.5
400
5.0
6.0
200
SMBJ5923
8.2
45.7
3.5
0.5
400
5.0
6.5
182
SMBJ5924
9.1
41.2
4.0
0.5
500
5.0
7.0
164
SMBJ5925
10
37.5
4.5
0.25
500
5.0
8.0
150
SMBJ5926
11
34.1
5.5
0.25
550
1.0
8.4
125
SMBJ5927
12
31.2
6.5
0.25
550
1.0
9.1
125
SMBJ5928
13
28.8
7.0
0.25
550
1.0
9.9
115
SMBJ5929
15
25
9.0
0.25
600
1.0
11.4
100
SMBJ5930
16
23.4
10
0.25
600
1.0
12.2
93
SMBJ5931
18
20.8
12
0.25
650
1.0
13.7
83
SMBJ5932
20
18.7
14
0.25
650
1.0
15.2
75
SMBJ5933
22
17
17.5
0.25
650
1.0
16.7
68
SMBJ5934
24
15.6
19
0.25
700
1.0
18.2
62
SMBJ5935
27
13.9
23
0.25
700
1.0
20.6
55
SMBJ5936
30
12.5
28
0.25
750
1.0
22.8
50
SMBJ5937
33
11.4
33
0.25
800
1.0
25.1
45
SMBJ5938
36
10.4
38
0.25
850
1.0
27.4
41
SMBJ5939
39
9.6
45
0.25
900
1.0
29.7
38
SMBJ5940
43
8.7
53
0.25
950
1.0
32.7
34
SMBJ5941
47
8.0
67
0.25
1000
1.0
35.8
31
SMBJ5942
51
7.3
70
0.25
1100
1.0
38.8
29
SMBJ5943
56
6.7
86
0.25
1300
1.0
42.6
26
SMBJ5944
62
6.0
100
0.25
1500
1.0
47.1
24
SMBJ5945
68
5.5
120
0.25
1700
1.0
51.2
22
SMBJ5946
75
5.0
140
0.25
2000
1.0
56
20
SMBJ5947
82
4.6
160
0.25
2500
1.0
62.2
18
SMBJ5948
91
4.1
200
0.25
3000
1.0
69.2
16
SMBJ5949
100
3.7
250
0.25
3100
1.0
76
15
SMBJ5950
110
3.4
300
0.25
4000
1.0
83.6
13
SMBJ5951
120
3.1
380
0.25
4500
1.0
91.2
12
SMBJ5952
130
2.9
450
0.25
5000
1.0
98.8
11
SMBJ5953
150
2.5
600
0.25
6000
1.0
114
10
SMBJ5954
160
2.3
700
0.25
6500
1.0
121.6
9.0
SMBJ5955
180
2.1
900
0.25
7000
1.0
136.8
8.0
SMBJ5956
200
1.9
1200
0.25
8000
1.0
152
7.0
3.0 Watt
SMBJ5913 Thru SMBJ5956
SURFACEMOUNTSILICON ZENERDIODES
bKPOKQ40s
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121623
2008/02/10
2011/03/10
F
2
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SMBJ5942

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5942 JGD-SMBJ5942 Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
logo
Micro Commercial Compon...
SMBJ5942 MCC-SMBJ5942 Datasheet
353Kb / 2P
   Silicon Zener Diode 3.0 Watt
logo
Microsemi Corporation
SMBJ5942 MICROSEMI-SMBJ5942 Datasheet
92Kb / 2P
   SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT
logo
Jinan Gude Electronic D...
SMBJ5942A JGD-SMBJ5942A Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
SMBJ5942B JGD-SMBJ5942B Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
More results

Similar Description - SMBJ5942

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com