Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB10100 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MBRB10100
Description  Trench MOS Schottky technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBRB10100 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MBRB10100 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBRB10100 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBRB10100 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MBRB10100 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MBR(F,B)1090 & MBR(F,B)10100
www.kersemi.com
476
FEATURES
• Trench MOS Schottky technology
• Lower power losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AC and
ITO-220AC package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power
supplies,
freewheeling
diodes,
dc-to-dc
converters or polarity protection application.
MECHANICAL DATA
Case: TO-220AC, ITO-220AC, TO-263AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for commercial grade, meets JESD 201 class
1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
10 A
VRRM
90 V, 100 V
IFSM
150 A
VF
0.65 V
TJ max.
150 °C
CASE
PIN 2
PIN 1
MBR1090
MBR10100
MBRB1090
MBRB10100
PIN 1
PIN 2
K
HEATSINK
1
2
1
2
K
MBRF1090
MBRF10100
PIN 2
PIN 1
TO-263AB
TO-220AC
ITO-220AC
TMBS
®
1
2
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR1090
MBR10100
UNIT
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Working peak reverse voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current at TC = 133 °C
IF(AV)
10
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Peak repetitive reverse current at tp = 2 µs, 1 kHz
IRRM
0.5
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 150
°C
Isolation voltage (ITO-220AC only)
From terminal to heatsink t = 1 min
VAC
1500
V


Similar Part No. - MBRB10100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB10100 VISHAY-MBRB10100 Datasheet
125Kb / 3P
   High Voltage Schottky Rectifiers
01-Jul-02
MBRB10100 VISHAY-MBRB10100 Datasheet
524Kb / 5P
   High-Voltage Schottky Rectifier
Revision: 19-May-08
MBRB10100 VISHAY-MBRB10100 Datasheet
141Kb / 5P
   High-Voltage Schottky Rectifier
Revision: 24-Jun-09
logo
Kersemi Electronic Co.,...
MBRB10100 KERSEMI-MBRB10100 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBRB10100 KERSEMI-MBRB10100 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
More results

Similar Description - MBRB10100

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST2060DJF SMC-ST2060DJF Datasheet
149Kb / 4P
   Trench MOS Schottky technology
logo
Vishay Siliconix
V15PL50 VISHAY-V15PL50 Datasheet
756Kb / 5P
   Trench MOS Schottky technology
Revision: 02-Jul-13
V25PL60-M3 VISHAY-V25PL60-M3 Datasheet
82Kb / 5P
   Trench MOS Schottky technology
Revision: 15-May-14
logo
Sangdest Microelectroni...
STB30H100C SMC-STB30H100C Datasheet
206Kb / 5P
   Trench MOS Schottky technology
logo
Vishay Siliconix
V10P20 VISHAY-V10P20 Datasheet
90Kb / 5P
   Trench MOS Schottky technology
Revision: 17-Feb-17
logo
Kersemi Electronic Co.,...
MBRF20100CT KERSEMI-MBRF20100CT Datasheet
1Mb / 4P
   Trench MOS Schottky technology
logo
Vishay Siliconix
V8P6-M3 VISHAY-V8P6-M3 Datasheet
103Kb / 5P
   Trench MOS Schottky technology
Revision: 07-Mar-17
V15P6-M3 VISHAY-V15P6-M3 Datasheet
96Kb / 5P
   Trench MOS Schottky technology
Revision: 09-Jan-17
V20PL50-M3 VISHAY-V20PL50-M3 Datasheet
82Kb / 5P
   Trench MOS Schottky technology
Revision: 15-May-14
VSSA3L6S-M3 VISHAY-VSSA3L6S-M3 Datasheet
87Kb / 4P
   Trench MOS Schottky technology
Revision: 05-Nov-13
VSSAF5N50 VISHAY-VSSAF5N50 Datasheet
124Kb / 5P
   Trench MOS Schottky technology
Revision: 24-Jul-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com