Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR890L Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MBR890L
Description  Schottky Barrier Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR890L Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MBR890L Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR890L Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR870L - MBR8100L
Features
L
M
A
N
P
D
E
K
C
B
J
G
R
Pin 1
12
Pin 2
Case
TO-220AC
Dim
Min
Max
A
14.22
15.88
B
9.65
10.67
C
2.54
3.43
D
5.84
6.86
E
¾
6.35
G
12.70
14.73
J
0.51
1.14
K
3.53
Æ 4.09Æ
L
3.56
4.83
M
1.14
1.40
N
0.30
0.64
P
2.03
2.92
R
4.83
5.33
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward
Voltage Drop
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Application
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Weight: 2.24 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MBR
870L
MBR
880L
MBR
890L
MBR
8100L
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
80
90
100
V
RMS Reverse Voltage
VR(RMS)
49
56
63
70
V
Average Rectified Output Current
(Note 1)
@ TC = 125
°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current,
8.3ms single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
230
A
Repetitive Peak Forward Surge Current
@ t
£ 5.0ms
IFRM
850
A
Forward Voltage Drop
@ IF = 8.0A, TC = 25
°C
@ IF = 8.0A, TC = 125
°C
VFM
0.72
0.58
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 125
°C
IRM
0.55
7.0
mA
Typical Junction Capacitance (Note 2)
Cj
350
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJC
2.0
K/W
Voltage Rate of Change (Rated VR)
dV/dt
10,000
V/
ms
Operating and Storage Temperature Range
Tj, TSTG
-55 to +175
°C
www.kersemi.com


Similar Part No. - MBR890L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR890L DIODES-MBR890L Datasheet
63Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30029 Rev. B-4
logo
Sirectifier Semiconduct...
MBR890L SIRECTIFIER-MBR890L Datasheet
81Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
MBR890L SIRECTIFIER-MBR890L Datasheet
89Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
More results

Similar Description - MBR890L

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Tiger Electronic Co.,Lt...
SR220 TGS-SR220 Datasheet
230Kb / 2P
   Schottky Barrier Chip
logo
PACELEADER INDUSTRIAL
MBR1550PS PACELEADER-MBR1550PS Datasheet
1Mb / 5P
   Schottky Barrier Chip
logo
Sangdest Microelectroni...
SBL5200 SMC-SBL5200 Datasheet
197Kb / 5P
   Schottky Barrier Chip
logo
Kersemi Electronic Co.,...
MBR840 KERSEMI-MBR840 Datasheet
429Kb / 2P
   Schottky Barrier Chip
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Yea Shin Technology Co....
MBRX120SL YEASHIN-MBRX120SL Datasheet
405Kb / 2P
   Chip Schottky Barrier Diodes
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com