Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRP3040 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RHRP3040
Description  30A, 400V - 600V Hyperfast Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRP3040 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RHRP3040 Datasheet HTML 1Page - Fairchild Semiconductor RHRP3040 Datasheet HTML 2Page - Fairchild Semiconductor RHRP3040 Datasheet HTML 3Page - Fairchild Semiconductor RHRP3040 Datasheet HTML 4Page - Fairchild Semiconductor RHRP3040 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
RHRP3040, RHRP3060 Rev. B
RHRP3040, RHRP3060
30A, 400V - 600V Hyperfast Diodes
The RHRP3040 and RHRP3060 are hyperfast diodes with
soft recovery characteristics (trr < 40ns). They have half the
recovery time of ultrafast diodes and are of silicon nitride
passivated ion-implanted epitaxial planar construction.
These devices are intended for use as freewheeling/
clamping diodes and rectifiers in a variety of switching power
supplies and other power switching applications. Their low
stored charge and hyperfast soft recovery minimize ringing
and electrical noise in many power switching circuits, thus
reducing power loss in the switching transistors.
Formerly developmental type TA49063.
Symbol
Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <40ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . . . . 175oC
• Reverse Voltage Up To . . . . . . . . . . . . . . . . . . . . . . . . 600V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
Packaging
JEDEC TO-220AC
Ordering Information
PART NUMBER
PACKAGE
BRAND
RHRP3040
TO-220AC
RHRP3040
RHRP3060
TO-220AC
RHRP3060
NOTE: When ordering, use the entire part number.
K
A
ANODE
CATHODE
CATHODE
(FLANGE)
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
RHRP3040
RHRP3060
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM
400
600
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM
400
600
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR
400
600
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IF(AV)
(TC = 120
oC)
30
30
A
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM
(Square Wave, 20kHz)
70
70
A
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM
(Halfwave, 1 Phase, 60Hz)
325
325
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
125
125
W
Avalanche Energy (See Figures 10 and 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL
20
20
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-65 to 175
-65 to 175
oC
Data Sheet
January 2002


Similar Part No. - RHRP3040

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRP3040 INTERSIL-RHRP3040 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
More results

Similar Description - RHRP3040

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG3040 INTERSIL-RHRG3040 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
RHRP3040 INTERSIL-RHRP3040 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
logo
Fairchild Semiconductor
RHRG3040 FAIRCHILD-RHRG3040 Datasheet
342Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
RHRG3040CC FAIRCHILD-RHRG3040CC Datasheet
339Kb / 5P
   30A, 400V - 600V Hyperfast Dual Diodes
logo
Intersil Corporation
RHRG3040CC INTERSIL-RHRG3040CC Datasheet
47Kb / 4P
   30A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRP3060 FAIRCHILD-RHRP3060_05 Datasheet
669Kb / 5P
   30A, 600V Hyperfast Diodes
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
RHRD440 FAIRCHILD-RHRD440 Datasheet
353Kb / 5P
   4A, 400V - 600V Hyperfast Diodes
RHRP840 FAIRCHILD-RHRP840 Datasheet
365Kb / 5P
   8A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP840 INTERSIL-RHRP840 Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com